전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RM0020 데이터시트(PDF) 25 Page - STMicroelectronics

부품명 RM0020
상세설명  SPC56xx DSP function library 2
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0020 데이터시트(HTML) 25 Page - STMicroelectronics

Back Button RM0020 Datasheet HTML 21Page - STMicroelectronics RM0020 Datasheet HTML 22Page - STMicroelectronics RM0020 Datasheet HTML 23Page - STMicroelectronics RM0020 Datasheet HTML 24Page - STMicroelectronics RM0020 Datasheet HTML 25Page - STMicroelectronics RM0020 Datasheet HTML 26Page - STMicroelectronics RM0020 Datasheet HTML 27Page - STMicroelectronics RM0020 Datasheet HTML 28Page - STMicroelectronics RM0020 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 69 page
background image
RM0020
Function API
25/69
Performance: See Section 7 and Table 38.
Example 9. fft_real_split_float
#include "libdsp2.h"
float inout_buffer [128+8];
/* +8 to ensure there is 32 bytes of
readable memory behind buffer */
void main(void)
{
int i;
/* example real input data, sequence from 1 to 128 */
for (i = 0; i < 128; i++) inout_buffer[i] = i+1;
/* compute complex to complex FFT of half the length */
fft_radix4_float_64(inout_buffer);
/* call split function to get correct FFT result */
fft_real_split_float(128, inout_buffer, wa_table_float_128,
wb_table_float_128);
}
6.10
Split function of N-point real to complex frac32 FFT
Function call:
void fft_real_split_frac32(unsigned int N, int *y, int *wa, int
*wb);
Arguments:
Table 10.
fft_real_split_frac32 arguments
N
in
FFT length, tested for 128, 256, 512, 1024, 2048, 4096
yin/out
pointer to the input/output vector of length N, vector must be double
word aligned
input: as input pass the output from the complex to complex frac32
FFT of half the length, data ordered x_Re(0) x_Im(0) x_Re(1)
x_Im(1)... x_Re(N/2-1) x_Im(N/2-1)
output memory layout:
X_Re(0) {0 or X_Re(N/2)} X_Re(1) X_Im(1) ... X_Re(N/2-1)
X_Im(N/2-1)
(Re - real part, Im - imaginary part)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69