| 전자부품 데이터시트 검색엔진 |
|
RM0020 데이터시트(PDF) 66 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RM0020 데이터시트(HTML) 66 Page - STMicroelectronics |
|
66 / 69 page ![]() Performance RM0020 66/69 1. N - length of input vectors, M - length of output vector. Table 53. fir_float - FIR filter for float data N(1) ntaps(1) First function call [clock cycles] Second function call [clock cycles] Third function call [clock cycles] Improvement to C function [-] IPC [-] 256 20 12974 12856 12862 3.0 0.98 256 22 13762 13633 13633 3.2 0.98 256 32 19119 19008 19006 3.1 0.99 256 64 35516 35392 35390 2.9 0.99 1. N - number of output samples, ntaps - number of filter coefficients. Table 54. fir_frac16 - FIR filter for frac16 data N(1) ntaps(1) First function call [clock cycles] Second function call [clock cycles] Third function call [clock cycles] Improvement to C function [-] IPC [-] 256 20 10631 10544 10550 3.8 0.97 256 22 11294 11196 11193 4.0 0.97 256 32 16018 15926 15926 3.8 0.98 256 64 30358 30262 30262 3.5 0.99 1. N - number of output samples, ntaps - number of filter coefficients. Table 55. iir_float_1st - first-order IIR filter for float data N(1) First function call [clock cycles] Second function call [clock cycles] Third function call [clock cycles] Improvement to C function [-] IPC [-] 128 1013 935 935 2.2 0.97 256 1946 1831 1831 2.2 0.97 1. N - number of input/output samples. Table 56. iir_float_2nd - second-order IIR filter for float data N(1) First function call [clock cycles] Second function call [clock cycles] Third function call [clock cycles] Improvement to C function [-] IPC [-] 128 1265 1171 1171 2.5 1.00 256 2403 2291 2291 2.5 1.00 1. N - number of input/output samples. |