| 전자부품 데이터시트 검색엔진 |
|
RM0020 데이터시트(PDF) 50 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RM0020 데이터시트(HTML) 50 Page - STMicroelectronics |
|
50 / 69 page ![]() Function API RM0020 50/69 Equation 41 for each n = 0,1...N-1 The i-order filter is implemented using the cascade of m IIR filters of second-order: Equation 42 Equation 43 Equation 44 for each n = 0,1...N-1 Performance: See Section 7 and Table 57. Example 26. iir_float_casc #include "libdsp2.h" /* #pragma and ALIGN macros used to align to 8 bytes */ #ifdef __ghs__ #pragma alignvar (8) #endif ALIGN_DCC(8) float x[256/*+4*/] ALIGN_MWERKS(8); /* +4 to ensure there are 16 bytes of readable memory behind x */ #ifdef __ghs__ #pragma alignvar (8) #endif ALIGN_DCC(8) float y [256/*+4*/] ALIGN_MWERKS(8); /* +4 to ensure there are 16 bytes of readable memory behind y */ #ifdef __ghs__ #pragma alignvar (8) #endif ALIGN_DCC(8) float s[3*4] ALIGN_MWERKS(8) = {0, 0, 0, 0, 0, 0, 0, 0, 0, 0, 0, 0}; float c[3*5] = {0.3284466238F, 0.6596805377F, 0.3312418003F, 0.0639408215F, 0.0183196767F, 0.2531886900F, 0.5063763109F, 0.2531936959F, 0.0736238464F, 0.1725312505F, 0.4280607669F, 0.8524906977F, 0.4244401939F, 0.0998014847F, 0.5894355624F,}; yn b0 xn b1 xn 1 – ++ bi xn i – a1 yn 1 – – ai yn i – – – + = y 1 n b10 x 1 n b11 x 1 n1 – b12 x 1 n2 – a11 y 1 n1 – – a12 y 1 n2 – – ++ = y 2 n b20 y 1 n b21 y 1 n1 – b22 y 1 n2 – a21 y 2 n1 – – a22 y 2 n2 – – ++ = y m n bm0 y m1 – n bm1 y m1 – n1 – bm2 y m1 – n2 – am1 y m n1 – – am2 y m n2 – – ++ = |