전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN2933 데이터시트(PDF) 2 Page - STMicroelectronics

부품명 AN2933
상세설명  Demo board user guidelines for the TS4999 filter-free stereo
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2933 데이터시트(HTML) 2 Page - STMicroelectronics

  AN2933 Datasheet HTML 1Page - STMicroelectronics AN2933 Datasheet HTML 2Page - STMicroelectronics AN2933 Datasheet HTML 3Page - STMicroelectronics AN2933 Datasheet HTML 4Page - STMicroelectronics AN2933 Datasheet HTML 5Page - STMicroelectronics AN2933 Datasheet HTML 6Page - STMicroelectronics AN2933 Datasheet HTML 7Page - STMicroelectronics AN2933 Datasheet HTML 8Page - STMicroelectronics AN2933 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Description of the demonstration board
AN2933
2/10
1
Description of the demonstration board
The TS4999 demonstration board is designed to evaluate the TS4999, a fully-differential
class D stereo power amplifier. The TS4999 device, in a flip-chip package, is mounted on a
four-layer PCB. Easily-accessible connectors on the board allow changing or driving the
gain select pins (G0 and G1), the standby control pins for the left and right channels (STBL
and STBR) and the 3D sound effect pin (3D).
The differential gain of the TS4999 can be set to 3.5, 6, 9.5, or 12 dB, depending on the
logic level of the G0 pin (connected to pin 2 of S1) and G1 pin (connected to pin 2 of S2).
Note:
An internal 300 k
Ω (+/-20%) resistor is placed between pins G0, G1 and GND. When the
pins are floating (S1 and S2 included), the gain is 3.5 dB. In full standby (left and right
channels OFF), these resistors are disconnected (HiZ input).
Table 1.
Gain settings with G0 and G1 pins
G1
G0
S1
S2
Gain (dB)
Gain (V/V)
00
3.5
1.5
01
62
10
9.5
3
11
12
4
`
12
3
`
12
3
`
12
3
`
12
3
`
12
3
`
12
3
`
12
3
`
12
3
Table 2.
Truth table for 3D effect pin and STANDBY pins
3D
STBYL
STBYR
3D Effect
Left channel
Right channel
0
0
0
X
STDBY
STDBY
001
OFF
STDBY
ON
010
OFF
ON
STDBY
011
OFF
ON
ON
1
0
0
X
STDBY
STDBY
1
0
1
N/A
N/A
N/A
1
1
0
N/A
N/A
N/A
1
1
1
ON
ON
ON



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com