전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN2933 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 AN2933
상세설명  Demo board user guidelines for the TS4999 filter-free stereo
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2933 데이터시트(HTML) 4 Page - STMicroelectronics

  AN2933 Datasheet HTML 1Page - STMicroelectronics AN2933 Datasheet HTML 2Page - STMicroelectronics AN2933 Datasheet HTML 3Page - STMicroelectronics AN2933 Datasheet HTML 4Page - STMicroelectronics AN2933 Datasheet HTML 5Page - STMicroelectronics AN2933 Datasheet HTML 6Page - STMicroelectronics AN2933 Datasheet HTML 7Page - STMicroelectronics AN2933 Datasheet HTML 8Page - STMicroelectronics AN2933 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Description of the demonstration board
AN2933
4/10
Caution:
When you apply the power supply through P1, do not invert the polarity since this will
irreversibly damage the U1 amplifier.
Table 3.
Demonstration board connectors
Connector(s)
Description
P1
Power connector (VCC and GND). Power supply voltage from 2.5 to 5.5 V.
S1, S2
Gain setting connectors: S1 for the G0, S2 for the G1 pin of the TS4999.
The pins are connected as follows:
– 1 to VCC
– 2 of S1 to the G0 pin
– 2 of S2 to the G1 pin
– 3 to GND
Jumper position:
– logical "1": pins 1 and 2 are shorted
– logical "0": pins 2 and 3 are shorted
S3, S4
Standby control connector: S3 for the left channel, S4 for the right channel.
The pins are connected as follows:
– 1 to VCC
– 2 of S3 to the STBYL pin of the TS4999
– 2 of S4 to the STBYR pin of the TS4999
– 3 to GND
Jumper position:
–
pins 1 and 2 are shorted, the channel is operating.
–
pins 2 and 3 are shorted or pin 2 is floating, the channel is in standby
mode.
S5
3D effect control connector.
The pins are connected as follows:
– 1 to VCC
– 2 to 3D pin of the TS4999
– 3 to GND
–
pins 1 and 2 are shorted, the 3D effect is ON.
–
pins 2 and 3 are shorted, the 3D effect is OFF.
JP1
Left channel input signal connector (GND, Lin+, Lin- and GND)
JP2
Right channel input signal connector (GND, Rin-, Rin+and GND)
JP3
Left channel output signal connector (GND, Lo+, Lo- and GND)
JP4
Right channel output signal connector (GND, Ro-, Ro+and GND)
`
12
3
`
12
3
`
12
3
`
12
3
`
12
3
`
12
3



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com