전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN2933 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 AN2933
상세설명  Demo board user guidelines for the TS4999 filter-free stereo
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2933 데이터시트(HTML) 3 Page - STMicroelectronics

  AN2933 Datasheet HTML 1Page - STMicroelectronics AN2933 Datasheet HTML 2Page - STMicroelectronics AN2933 Datasheet HTML 3Page - STMicroelectronics AN2933 Datasheet HTML 4Page - STMicroelectronics AN2933 Datasheet HTML 5Page - STMicroelectronics AN2933 Datasheet HTML 6Page - STMicroelectronics AN2933 Datasheet HTML 7Page - STMicroelectronics AN2933 Datasheet HTML 8Page - STMicroelectronics AN2933 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AN2933
Description of the demonstration board
3/10
Note:
1
An internal 300 k
Ω (+/-20%) resistor is placed between pins STBYL, STBYR, 3D and GND.
When the 3D pin is floating (S5 included), the 3D effect is switched off. When pins STBYL,
STBYR are floating (S3 and S4 included), the amplifier is in full standby mode. In full
standby (left and right channels OFF), the internal resistors of the gain and 3D effect pins
(G0, G1 and 3D) are disconnected (HiZ input).
2
When the 3D effect is switched on, both channels must be in operation or in shutdown mode
at the same time.
The amplifier’s inputs are capacitor-coupled, meaning that the -3 dB cut-off frequency Fc in
Hz is:
with Zin in Ω, Cin in Farads, C1 = C2 and C3 = C4.
3
On the TS4999 demonstration board, Cin = C1 = C2 = C3 = C4 = 220 nF. The input
impedance Zin changes with the set gain, as does FC.
More information on component calculations is available in the TS4999 datasheet.
F
c
1
2
π Z
in
C
in
⋅⋅
-------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com