전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN2933 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 AN2933
상세설명  Demo board user guidelines for the TS4999 filter-free stereo
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2933 데이터시트(HTML) 5 Page - STMicroelectronics

  AN2933 Datasheet HTML 1Page - STMicroelectronics AN2933 Datasheet HTML 2Page - STMicroelectronics AN2933 Datasheet HTML 3Page - STMicroelectronics AN2933 Datasheet HTML 4Page - STMicroelectronics AN2933 Datasheet HTML 5Page - STMicroelectronics AN2933 Datasheet HTML 6Page - STMicroelectronics AN2933 Datasheet HTML 7Page - STMicroelectronics AN2933 Datasheet HTML 8Page - STMicroelectronics AN2933 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
AN2933
Description of the demonstration board
5/10
Figure 1.
Schematic diagram
Gain
Select
Oscillator
PWM
PWM
Gain
Select
Standby
Control
Protection
Circuit
Bridge
H
Bridge
H
Lin+
Lin-
G0
G1
Rin+
Rin-
STBYL
STBYR
Lout+
A5
A7
E5
E7
E3
A3
D2
E1
C5
C3
B2
A1
Lout-
Rout+
Rout-
RPVCC
PGND
AGND
AVCC
LPVCC
U1
TS4999 - FC18
C1
220nF
C2
220nF
C3
220nF
C4
220nF
2
1
3 S2
G1
2
1
3 S1
G0
S3
STBL
S4
STBR
VCC
VCC
VCC
VCC
LinP
LinN
G0
G1
RinP
RinN
STBL
STBR
Vcc
1
2
P1
Vcc
C6
1uF
C7
1uF
C5
100nF
S5
3D
VCC
Vcc
1
2
3
4
JP4
Header 4
1
2
3
4
JP3
Header 4
Table 4.
Component list for the demonstration board
Designation
Quantity
Description
C1, C2, C3, C4
4
220 nF/16 V, SMD ceramic capacitor, 0603
C5
1
100 nF/16 V, SMD ceramic capacitor, 0603
C6, C7
1
1 µF/16 V, SMD ceramic capacitor, 0603
P1
1
2-pin header 2.54 mm pitch
S1, S2, S3, S4, S5
5
3-pin header 2.54 mm pitch
JP1, JP2, JP3, JP4
4
4-pin header 2.54 mm pitch
U1
1
TS4999 class-D audio amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com