전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN2299 데이터시트(PDF) 11 Page - STMicroelectronics

부품명 AN2299
상세설명  Fast digital calibration procedure
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2299 데이터시트(HTML) 11 Page - STMicroelectronics

Back Button AN2299 Datasheet HTML 7Page - STMicroelectronics AN2299 Datasheet HTML 8Page - STMicroelectronics AN2299 Datasheet HTML 9Page - STMicroelectronics AN2299 Datasheet HTML 10Page - STMicroelectronics AN2299 Datasheet HTML 11Page - STMicroelectronics AN2299 Datasheet HTML 12Page - STMicroelectronics AN2299 Datasheet HTML 13Page - STMicroelectronics AN2299 Datasheet HTML 14Page - STMicroelectronics AN2299 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
AN2299
Fast digital calibration procedure
Rev2
11/26
3
Fast digital calibration procedure
The following paragraphs describe the important items of fast digital calibration procedure.
3.1
System description
The fast digital calibration system is composed by the following parts:
While the following parts are optional:
Figure 3.
Fast digital calibration system. The equipments marked by (*) are optional
Often the Calibration Process Controller (CPC) is implemented with a Personal Computer
(PC) which runs calibration software. The PC should have enough RS232C ports in order to
communicate with other calibration system units.
Table 1.
Calibration equipment
Item
Description
CPC
Calibration Process Controller
Interface
serial communication to energy meter under calibration
EM
energy meter under calibration
Gen
line voltage and current reference generators
Table 2.
Optional calibration equipment
Item
Description
M1, M2
line voltage and current RMS meters
EMp
precision energy meter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26