전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN2299 데이터시트(PDF) 12 Page - STMicroelectronics

부품명 AN2299
상세설명  Fast digital calibration procedure
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2299 데이터시트(HTML) 12 Page - STMicroelectronics

Back Button AN2299 Datasheet HTML 8Page - STMicroelectronics AN2299 Datasheet HTML 9Page - STMicroelectronics AN2299 Datasheet HTML 10Page - STMicroelectronics AN2299 Datasheet HTML 11Page - STMicroelectronics AN2299 Datasheet HTML 12Page - STMicroelectronics AN2299 Datasheet HTML 13Page - STMicroelectronics AN2299 Datasheet HTML 14Page - STMicroelectronics AN2299 Datasheet HTML 15Page - STMicroelectronics AN2299 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
Fast digital calibration procedure
AN2299
12/26
Rev2
The first interface port should be dedicated to communication with the energy meter under
calibration (EM).
If EM does not have some Automatic Meter Reading (AMR) capability, a SPI to RS232C
interface must be located between CPC and EM.
There are some RS232C ports that could be optional in the following conditions:
●
if only calibration is required, the EMp and "precision" port can be omitted but Ip current
path must not be broken,
●
if Gen unit is accurate enough (< ±0.05%), the RMS meters M1 and M2 and
corresponding "VRMS" and "IRMS" ports can be omitted.
3.2
Calibration flow chart
The calibration procedure can be summarized in the following steps, which will be
examinated in section 3.3:
Figure 4.
Calibration flow chart
1. Working point setting
2. Algorithm choice
3. Offline parameters calculations
4. Online procedure
5. Coherency check



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26