전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN2299 데이터시트(PDF) 24 Page - STMicroelectronics

부품명 AN2299
상세설명  Fast digital calibration procedure
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2299 데이터시트(HTML) 24 Page - STMicroelectronics

Back Button AN2299 Datasheet HTML 18Page - STMicroelectronics AN2299 Datasheet HTML 19Page - STMicroelectronics AN2299 Datasheet HTML 20Page - STMicroelectronics AN2299 Datasheet HTML 21Page - STMicroelectronics AN2299 Datasheet HTML 22Page - STMicroelectronics AN2299 Datasheet HTML 23Page - STMicroelectronics AN2299 Datasheet HTML 24Page - STMicroelectronics AN2299 Datasheet HTML 25Page - STMicroelectronics AN2299 Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
Temperature calibration
AN2299
24/26
Rev2
After system power on and frequency measurement, from Eq. 38 power calibrator Kp can
be derived as follows:
Then, from Eq. 36 and Eq. 8 Cv,i are calculated.
e. Coherency check
This step is equivalent to that already explained for fast digital calibration procedure.
Kp
0.78125
X
F
f
A
------
•
=
Eq. 39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26