전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4501 데이터시트(PDF) 7 Page - STMicroelectronics

부품명 AN4501
상세설명  Design of a boost LED driver using L99LD01
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4501 데이터시트(HTML) 7 Page - STMicroelectronics

Back Button AN4501 Datasheet HTML 3Page - STMicroelectronics AN4501 Datasheet HTML 4Page - STMicroelectronics AN4501 Datasheet HTML 5Page - STMicroelectronics AN4501 Datasheet HTML 6Page - STMicroelectronics AN4501 Datasheet HTML 7Page - STMicroelectronics AN4501 Datasheet HTML 8Page - STMicroelectronics AN4501 Datasheet HTML 9Page - STMicroelectronics AN4501 Datasheet HTML 10Page - STMicroelectronics AN4501 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
DocID026394 Rev 1
7/48
AN4501
Guideline for the selection of external components
47
2
Guideline for the selection of external components
This section provides a guideline for the dimensioning power components of the boost
converter. The guideline takes into account the impact of the wide range of the input voltage
on the component stress.
The reader can find the list of abbreviations in Table 4.
2.1
Guideline
Step 1: Calculate the extreme duty cycles and minimum converter on-time
•
Calculate the minimum and maximum duty cycles DMIN and DMAX
•
Verify that the operation is compatible with the converter minimum on-time (tON,MIN)
•
Verify that DMAX does not exceed the converter duty cycle limitation
Step 2: Selection of the inductor
•
Calculate the maximum inductor DC current IL,MAX
•
Calculate the minimum inductance to comply with the requested ratio inductance
current ripple to DC current at the minimum input voltage (IL,PP@VINMIN / IL,MAX)
•
Select the standardized inductor value
•
Recalculate IL,PP@VINMIN with the selected standardized inductance value
Step 3: Selection of the freewheel diode
•
Calculate the minimum breakdown voltage and the required current capability
Step 4: Selection of the output capacitor
•
Choose a voltage capability, which is higher than the overvoltage protection
•
Calculate the required output capacitance fulfilling the maximum output current ripple
Step 4: Selection of the input capacitor
•
Calculate the minimum capacitance fulfilling the required input voltage ripple
Step 5: Selection of the switching MOSFET
•
Choose a MOSFET and determine the corresponding switching losses (at VIN,MIN)
•
Calculate the MOSFET RMS current
•
Make an iterative calculation of the total power dissipation (at VIN,MIN)
•
Verify that the maximum junction temperature does not exceed the MOSFET maximum
rating.
2.2
Application example
Table 1. Example of application conditions and requirements
Parameter
Value
Comments
VIN
6 V to 18 V
Operating input voltage
IOUT
1 A
Output current
VOUT
2 6V
VOUT ~ LED voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com