전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4501 데이터시트(PDF) 38 Page - STMicroelectronics

부품명 AN4501
상세설명  Design of a boost LED driver using L99LD01
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4501 데이터시트(HTML) 38 Page - STMicroelectronics

Back Button AN4501 Datasheet HTML 34Page - STMicroelectronics AN4501 Datasheet HTML 35Page - STMicroelectronics AN4501 Datasheet HTML 36Page - STMicroelectronics AN4501 Datasheet HTML 37Page - STMicroelectronics AN4501 Datasheet HTML 38Page - STMicroelectronics AN4501 Datasheet HTML 39Page - STMicroelectronics AN4501 Datasheet HTML 40Page - STMicroelectronics AN4501 Datasheet HTML 41Page - STMicroelectronics AN4501 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 48 page
background image
Selection of the switching MOSFET
AN4501
38/48
DocID026394 Rev 1
1.
Initial estimation of TJ (noted TJ1). For example, we can use TAMB as a starting point.
2.
Calculation of the corresponding Rdson, using the Rdson at 25°C and the thermal
coefficient
α
3.
Calculation of the conduction losses in M1
4.
Calculation of the total power losses in M1
5.
Calculation of the resulting junction temperature (noted TJ2)
6.
Calculation of the RDSON corresponding to TJ2
7.
The calculation is finished if the difference between RDSON at TJ1 and TJ2 is smaller
than the required precision. The final RDSON and junction temperature are respectively
RONM1@TJ2 and TJ2.
If the difference between Rdson at TJ1 and TJ2 is higher than the required precision we
substitute TJ1 by TJ2 and we restart a new iteration.
Figure 18. Flowchart for the iterative calculation of the junction temperature of M1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48