전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UM1620 데이터시트(PDF) 18 Page - STMicroelectronics

부품명 UM1620
상세설명  Standard software driver for C90FL
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1620 데이터시트(HTML) 18 Page - STMicroelectronics

Back Button UM1620 Datasheet HTML 14Page - STMicroelectronics UM1620 Datasheet HTML 15Page - STMicroelectronics UM1620 Datasheet HTML 16Page - STMicroelectronics UM1620 Datasheet HTML 17Page - STMicroelectronics UM1620 Datasheet HTML 18Page - STMicroelectronics UM1620 Datasheet HTML 19Page - STMicroelectronics UM1620 Datasheet HTML 20Page - STMicroelectronics UM1620 Datasheet HTML 21Page - STMicroelectronics UM1620 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 41 page
background image
API specification
UM1620
18/41
DocID024388 Rev 3
Return values
Troubleshooting
Comments
The contents pointed by pFailLoc, pFailData and pFailSource are updated only when there
is a mismatch between the source and destination regions.
Assumptions
It assumes that the Flash block is initialized using a ‘FlashInit()’ API.
pFailAddress
Return first failing address in
Flash.
Only valid when the function returns
C90FL_ERROR_VERIFY.
pFailData
Returns first mismatch data
in Flash.
Only valid when this function returns
C90FL_ERROR_VERIFY.
pFailSource
Returns first mismatch data
in buffer.
Only valid when this function returns
C90FL_ERROR_VERIFY.
CallBack
Address of void call back
function pointer.
Any addressable void function address. To disable it
use NULL_CALLBACK macro.
Table 19. Return values for ProgramVerify()
Type
Description
Possible values
UINT32
Successful completion or error value.
C90FL_OK
C90FL_ERROR_ALIGNMENT
C90FL_ERROR_RANGE
C90FL_ERROR_VERIFY
Table 20. Troubleshooting for ProgramVerify()
Returned error bits
Description
Solution
C90FL_ERROR_ALIGNMENT
This error indicates that
dest/size/source isn’t
properly aligned
Check if dest and size are aligned on
double word (64-bit) boundary. Check if
source is aligned on word boundary
C90FL_ERROR_RANGE
The area specified by
dest and size is out of
the valid C90FL address
range.
Check dest and dest+size, both should
fall in the same C90FL address ranges,
i.e. both in main array or both in shadow
row
C90FL_ERROR_VERIFY
The content in C90FL
and source data
mismatch.
Check the correct source and destination
addresses, erase the block and
reprogram data into Flash.
Table 18. Arguments for ProgramVerify() (continued)
Argument
Description
Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41