전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UM1620 데이터시트(PDF) 33 Page - STMicroelectronics

부품명 UM1620
상세설명  Standard software driver for C90FL
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1620 데이터시트(HTML) 33 Page - STMicroelectronics

Back Button UM1620 Datasheet HTML 29Page - STMicroelectronics UM1620 Datasheet HTML 30Page - STMicroelectronics UM1620 Datasheet HTML 31Page - STMicroelectronics UM1620 Datasheet HTML 32Page - STMicroelectronics UM1620 Datasheet HTML 33Page - STMicroelectronics UM1620 Datasheet HTML 34Page - STMicroelectronics UM1620 Datasheet HTML 35Page - STMicroelectronics UM1620 Datasheet HTML 36Page - STMicroelectronics UM1620 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 41 page
background image
DocID024388 Rev 3
33/41
UM1620
API specification
Return values
Troubleshooting
The trouble shooting given here comprises of hardware errors and input parameter error.
midEnabledBlocks
To select the array blocks
in mid address space for
erasing.
Bit-mapped value. Select the block in the middle
address space whose array integrity is to be
evaluated by setting 1 to the appropriate bit of
midEnabledBlocks. If there is not any block to be
evaluated in the middle address space,
midEnabledBlocks must be set to 0.
highEnabledBlocks
To select the array blocks
in high address space for
erasing.
Bit-mapped value. Select the block in the high
address space whose array integrity is to be
evaluated by setting 1 to the appropriate bit of
highEnabledBlocks. If there is not any block to be
evaluated in the high address space,
highEnabledBlocks must be set to 0.
marginLevel
To determine the margin
level to be used during
factory margin read
checks.
Selects the margin level that is being checked.
Margin can be checked to an erased level
(marginLevel=1) or to a programmed level
(marginLevel =0).
misrValue
A structure variable
containing the MISR
values calculated by the
user using the offline
MISR generation tool.
The individual MISR words can range from
0x00000000 - 0xFFFFFFFF
CallBack
Address of void call back
function pointer.
Any addressable void function address. To disable
it use NULL_CALLBACK macro.
Table 52. Return values for FactoryMarginReadCheck()
Type
Description
Possible values
UINT32
Successful completion or error value.
C90FL_OK
C90FL_ERROR_FMR_MISMATCH
C90FL_ERROR_FMR_NO_BLOCK
Table 51. Arguments for FactoryMarginReadCheck() (continued)
Argument
Description
Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41