전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UM1620 데이터시트(PDF) 29 Page - STMicroelectronics

부품명 UM1620
상세설명  Standard software driver for C90FL
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1620 데이터시트(HTML) 29 Page - STMicroelectronics

Back Button UM1620 Datasheet HTML 25Page - STMicroelectronics UM1620 Datasheet HTML 26Page - STMicroelectronics UM1620 Datasheet HTML 27Page - STMicroelectronics UM1620 Datasheet HTML 28Page - STMicroelectronics UM1620 Datasheet HTML 29Page - STMicroelectronics UM1620 Datasheet HTML 30Page - STMicroelectronics UM1620 Datasheet HTML 31Page - STMicroelectronics UM1620 Datasheet HTML 32Page - STMicroelectronics UM1620 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
DocID024388 Rev 3
29/41
UM1620
API specification
Return values
Troubleshooting
The trouble shooting given here comprises of hardware errors and input parameter error.
Comments
The inputs lowEnabledBlocks, midEnabledBlocks and highEnabledBlocks are bit-mapped
arguments that are used to select the blocks to be evaluated in the Low/Mid/High address
addrSeq
To determine the
address sequence to be
used during array
integrity checks.
The default sequence (addrSeq = 0) is meant to
replicate sequences normal “user” code follows,
and thoroughly check the read propagation paths.
This sequence is proprietary.
The alternative sequence (addrSeq = 1) is just
logically sequential.
It should be noted that the time to run a sequential
sequence is significantly shorter than the time to
run the proprietary sequence.
misrValue
A structure variable
containing the MISR
values calculated by the
user using the off-line
MISR generation tool.
The individual MISR words can range from
0x00000000 - 0xFFFFFFFF
CallBack
Address of void call back
function pointer.
Any addressable void function address. To disable
it use NULL_CALLBACK macro.
Table 43. Return values for FlashArrayIntegrityCheck()
Type
Description
Possible values
UINT32
Successful completion or error value.
C90FL_OK
C90FL_ERROR_AIC_MISMATCH
C90FL_ERROR_AIC_NO_BLOCK
Table 44. Troubleshooting for FlashArrayIntegrityCheck()
Returned error bits
Possible causes
Solution
C90FL_ERROR_AIC_MISMATCH
The MISR value calculated
by the user is incorrect.
Re-calculate the MISR values
using the correct Data and
addrSeq.
The MISR calculated by the
Hardware is incorrect.
Hardware Error.
C90FL_ERROR_AIC_NO_BLOCK
None of the Blocks are
enabled for Array Integrity
Check
Enable any of the blocks using
variables lowEnabledBlocks,
midEnabledBlocks and
highEnabledBlock.
Table 42. Arguments for FlashArrayIntegrityCheck() (continued)
Argument
Description
Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41