전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN1894 데이터시트(PDF) 2 Page - STMicroelectronics

부품명 AN1894
상세설명  BUCK-BOOST CONVERTER REFERENCE BOARD
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1894 데이터시트(HTML) 2 Page - STMicroelectronics

  AN1894 Datasheet HTML 1Page - STMicroelectronics AN1894 Datasheet HTML 2Page - STMicroelectronics AN1894 Datasheet HTML 3Page - STMicroelectronics AN1894 Datasheet HTML 4Page - STMicroelectronics AN1894 Datasheet HTML 5Page - STMicroelectronics AN1894 Datasheet HTML 6Page - STMicroelectronics AN1894 Datasheet HTML 7Page - STMicroelectronics AN1894 Datasheet HTML 8Page - STMicroelectronics AN1894 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2/14
AN1894 - APPLICATION NOTE
As soon as C4 voltage reaches the start-up threshold the internal 60 kHz oscillator sets the internal flip-
flop and through output driver turns-on the internal high voltage power MOSFET. The power MOSFET
applies the bulk capacitor C1 and C2 high voltage to the cathode of the power diode and to one terminal
of the inductor. Since the voltage at the output capacitor C3 connected to the inductor’s second terminal
is much lower than input bulk capacitor voltage the inductor current will ramp-up. As soon as the inductor
current ramp reaches the VIPer’s internal set-point defined by feedback loop, the internal power switch
turns off. The inductor keeps the direction of the current flowing and it reverses the voltage at C3. The
inductor current then flows through the forward biased D5 diode and charges the output capacitor C3. In
this switch-off phase the source terminal of the VIPer12 sees a negative level of the forward biased D5
(when referenced to ground) so it can be considered as grounded. This allows the inductor current to
flow also through D4 and supply the VIPer12 and give the feedback information about output voltage.
Figure 1: Schematic diagram of non isolated buck converter with positive output voltage
The output voltage of the converter at the 15V terminal is determined by the voltage drop across zener
diode D3 together with voltage drop across the resistor R3 and FB pin voltage. Resistor R3 limits the
feedback current to a safe value lower than the maximum rating specified in the data sheet. Capacitor C6
protects the FB input against EMI. One has to take into account the slight variation of the output voltage
with the load. It is because the feedback current reacts to the output load change to adopt switching duty
cycle. The variable feedback current creates different FB voltage, different voltage drop across the
resistor R3 and D3 zener voltage. The feedback current can change from 0mA (full output power) to
about 0.9mA at no output load. The R3 voltage variation is 0.9V and FB pin voltage about 1.2V. The D3
voltage variation depends on the diode V-I characteristics. Diode D6 limits the output voltage at light load
condition and it also protects the U2 voltage regulator. Regulator U2 accommodated in DPAK or SO-8
package is optional and can be assembled if the power supply for a microcontroller or logic part is
required. The DPAK package version of U2 is dedicated for 60mA output current option while U3 in SO-8
can provide max. 20mA.
L
D1
GL1M
1000V
1A
D2
GL1M
1000V
1A
VDD
4
FB
3
U1
VIPer12AS
N
D4
RGL34J
600V
0.5A
D5
RGL34J
600V
0.5A
D6
ZMM18
D3
ZMM13
VIN
8
VOUT
1
U2
L78L05CD
(1b)
C8
100nF
VDD
Assembly options:
(1a): +5V/60mA, +15V/100mA
(1b): +5V/20mA, +15V/100mA
note: all voltages refer to neutral
note: sum of currents is 100mA max.
+
C3
56uF
35V
LXY
1
2
3
CON2
clamp
R3
1k
D7
LL4148
L2
1mH
200mA
LBC
+5V
+
C2
4.7uF
400V
KMG
+
C4
10uF
50V
KME
+
C1
4.7uF
400V
KMG
VIN
VOUT
GND
U3
L78M05CDT (1a)
R5
0R
C6
22nF
90...264V~
L
N
+15V
R6
0R
L1
1.5mH 100mA
BC
Layout Hints: C4, C6 have
to be close to VIPer12A
C7
100nF
R1
10R
3W
1
2
CON1
clamp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com