전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN1894 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 AN1894
상세설명  BUCK-BOOST CONVERTER REFERENCE BOARD
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1894 데이터시트(HTML) 4 Page - STMicroelectronics

  AN1894 Datasheet HTML 1Page - STMicroelectronics AN1894 Datasheet HTML 2Page - STMicroelectronics AN1894 Datasheet HTML 3Page - STMicroelectronics AN1894 Datasheet HTML 4Page - STMicroelectronics AN1894 Datasheet HTML 5Page - STMicroelectronics AN1894 Datasheet HTML 6Page - STMicroelectronics AN1894 Datasheet HTML 7Page - STMicroelectronics AN1894 Datasheet HTML 8Page - STMicroelectronics AN1894 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4/14
AN1894 - APPLICATION NOTE
2.1.4 PCB Layout
The PCB is designed as single sided board made of FR-4 material with 35mm copper plating with solder
and silk screen mask. The assembled board contains both SMD and through hole components. The
board incorporates both a buck and buck-boost variant of the converter. The outline dimensions are
38x29mm. Assembly top side (trough-hole components) and solder bottom (SMD components) side can
be seen in Figure 2 and Figure 3.
Figure 2: Assembly Top (not in scale)
Figure 3: Assembly Solder Side (not in scale)
Figure 4: PCB Layout (not in scale)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com