전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN1894 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 AN1894
상세설명  BUCK-BOOST CONVERTER REFERENCE BOARD
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1894 데이터시트(HTML) 5 Page - STMicroelectronics

  AN1894 Datasheet HTML 1Page - STMicroelectronics AN1894 Datasheet HTML 2Page - STMicroelectronics AN1894 Datasheet HTML 3Page - STMicroelectronics AN1894 Datasheet HTML 4Page - STMicroelectronics AN1894 Datasheet HTML 5Page - STMicroelectronics AN1894 Datasheet HTML 6Page - STMicroelectronics AN1894 Datasheet HTML 7Page - STMicroelectronics AN1894 Datasheet HTML 8Page - STMicroelectronics AN1894 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5/14
AN1894 - APPLICATION NOTE
The PCB layout of the copper connections is depicted in Figure 4. The holes for through-hole
components are not seen in the picture.
The physical appearance of the converter can be observed from Figure 5.
Figure 5: Picture of the Converter
2.1.5 Buck Converter Evaluation and Measurements
The output regulation characteristics can be seen in Figure 6. It shows the variation of the output voltage
with output current at specific DC input voltage. The zener diode D6 was not connected during the
measurements
Figure 6: Output Regulation Characteristics (Parameter is Vin)
Using the same measured values, Figure 6 can be redrawn using a different parameter. Figure 7 shows
the variation of the output voltage with input DC voltage change. The output current is the parameter in
this case.
14
15
16
17
18
19
0
0.020.040.060.08
0.1
Output Current [A]
125VDC
150VDC
200VDC
250VDC
300VDC
350VDC
375VDC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com