전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN1894 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 AN1894
상세설명  BUCK-BOOST CONVERTER REFERENCE BOARD
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1894 데이터시트(HTML) 3 Page - STMicroelectronics

  AN1894 Datasheet HTML 1Page - STMicroelectronics AN1894 Datasheet HTML 2Page - STMicroelectronics AN1894 Datasheet HTML 3Page - STMicroelectronics AN1894 Datasheet HTML 4Page - STMicroelectronics AN1894 Datasheet HTML 5Page - STMicroelectronics AN1894 Datasheet HTML 6Page - STMicroelectronics AN1894 Datasheet HTML 7Page - STMicroelectronics AN1894 Datasheet HTML 8Page - STMicroelectronics AN1894 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3/14
AN1894 - APPLICATION NOTE
2.1.3 Bill of Materials
The bill of material that corresponds to the Figure 1 can be seen in Table 1.
Table 1: Bill of Material for Non Isolated Buck Converter with Positive Output Voltage
Ref.
Q.ty
Value
Description
CON1
1
WECO 10.877.002 - clamp, 2 pole, horizontal, type 94 380V 15A
CON2
1
WECO 10.877.003 - clamp, 3 pole, horizontal, type 94 380V 15A
C1, C2
2
4.7uF
Nippon Chemi-Con KMG 400 VB 4R7 M Electrolytic capacitor KMG 400V 20%
C3
1
56uF
Nippon Chemi-Con LXY 35 VB 56 M F11 Electrolytic capacitor LXY 35V 273mA
0.35R 20% -
C4
1
10uF
Nippon Chemi-Con KME 50 VB 10 M Electrolytic capacitor KME 50V 20%
C6
1
22nF
Ceramic capacitor X7R 50V 10%
C7
1
100nF
Ceramic capacitor X7R 50V 10%
C8
1
100nF
Ceramic capacitor X7R 50V 10%
D1, D2
2
GL1M
Diotec GL1M diode, trr=1.5us 1000V 1A
D3
1
ZMM13
Zener diode 13V 0.5W 5%
D4, D5
2
RGL34J
Diotec RGL34J Fast recovery diode trr=250ns 600V 0.5A
D6
1
ZMM18
Zener diode 18V 0.5W 5%
D7
1
LL4148
LL4148 diode 75V 200mA
L1
1
1.5mH
EPCOS B78108-S1155-J inductor, bobbin core BC 100mA 23R 10%
L2
1
1mH
EPCOS B82144-A2105-J inductor, large bobbin core LBC 200mA 3.8R 10%
R1
1
10R
Yageo 254-0 10R 5% 1J resistor, wirewound, fusible, TK120 CRF 254-4 3W 5%
R3
1
1k
resistor, metal film 100V 0.125W 1%
R5
1
0R
resistor, metal film
R6
1
0R
resistor, metal film
U1
1
VIPer12AS
STMicroelectronics VIPer12AS Off-line SMPS Primary IC 730V 0.4A 27R
U2
1
L78L05CD
STMicroelectronics L78L05CD positive voltage regulator 5V 100mA 10%, for
variant 1b
U3
1
L78M05CDT
STMicroelectronics L78M05CDT positive voltage regulator 5V 0.5A 5%, for
variant 1a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com