전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN2816 데이터시트(PDF) 12 Page - STMicroelectronics

부품명 AN2816
상세설명  High-efficiency step-down controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2816 데이터시트(HTML) 12 Page - STMicroelectronics

Back Button AN2816 Datasheet HTML 8Page - STMicroelectronics AN2816 Datasheet HTML 9Page - STMicroelectronics AN2816 Datasheet HTML 10Page - STMicroelectronics AN2816 Datasheet HTML 11Page - STMicroelectronics AN2816 Datasheet HTML 12Page - STMicroelectronics AN2816 Datasheet HTML 13Page - STMicroelectronics AN2816 Datasheet HTML 14Page - STMicroelectronics AN2816 Datasheet HTML 15Page - STMicroelectronics AN2816 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
I/O interface
AN2816
12/36
5
I/O interface
The PM6675S demonstration board has the following test points as shown in Table 2.
Table 2.
PM6675S demonstration board input and output interface
Test point
Description
VIN
Battery input voltage positive terminal
VOUT
Switching regulator output
PGND
Battery input and VOUT output common return
LIN
LDO linear regulator input
LOUT
LDO linear regulator output
LGND
LDO linear regulator output return
LPG
LDO linear regulator Power Good signal
VCC
+5 V supply, positive terminal
VCCGND
Signal ground and VCC supply return
SPG
VOUT SW regulator Power Good signal
TP1
Connection point between power and signal grounds



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36