전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN2816 데이터시트(PDF) 16 Page - STMicroelectronics

부품명 AN2816
상세설명  High-efficiency step-down controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2816 데이터시트(HTML) 16 Page - STMicroelectronics

Back Button AN2816 Datasheet HTML 12Page - STMicroelectronics AN2816 Datasheet HTML 13Page - STMicroelectronics AN2816 Datasheet HTML 14Page - STMicroelectronics AN2816 Datasheet HTML 15Page - STMicroelectronics AN2816 Datasheet HTML 16Page - STMicroelectronics AN2816 Datasheet HTML 17Page - STMicroelectronics AN2816 Datasheet HTML 18Page - STMicroelectronics AN2816 Datasheet HTML 19Page - STMicroelectronics AN2816 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
Configuration
AN2816
16/36
7.4
JP5 compensation network (COMP pin)
The JP5 jumper is located on the bottom side of the PM6675S board and allows connecting
the integrator input (COMP pin) to the output through a simple capacitor (integrative
compensation) or using the "virtual ESR" network for very low ESR output capacitor
applications (e.g. all ceramic output cap applications). The integrative compensation is set
by default. Refer to the PM6675S datasheet for details about the all-ceramic output
capacitor applications and the virtual ESR design.
Figure 12.
JP5 (COMP) setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36