전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN2816 데이터시트(PDF) 30 Page - STMicroelectronics

부품명 AN2816
상세설명  High-efficiency step-down controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2816 데이터시트(HTML) 30 Page - STMicroelectronics

Back Button AN2816 Datasheet HTML 26Page - STMicroelectronics AN2816 Datasheet HTML 27Page - STMicroelectronics AN2816 Datasheet HTML 28Page - STMicroelectronics AN2816 Datasheet HTML 29Page - STMicroelectronics AN2816 Datasheet HTML 30Page - STMicroelectronics AN2816 Datasheet HTML 31Page - STMicroelectronics AN2816 Datasheet HTML 32Page - STMicroelectronics AN2816 Datasheet HTML 33Page - STMicroelectronics AN2816 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
PM6675S demonstration tests
AN2816
30/36
10.8
UV, OV and thermal protections
●
Latched UV protection
If the switching section output voltage is lower than the 70% nominal value, the undervoltage
state is entered and the discharge MOSFET is turned on (as in the the soft-end state).
Figure 29.
UV protection, pulse-skip mode
AM01028v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36