전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN3142 데이터시트(PDF) 38 Page - STMicroelectronics

부품명 AN3142
상세설명  Solution for designing a 400 W fixed-off-time controlled
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3142 데이터시트(HTML) 38 Page - STMicroelectronics

Back Button AN3142 Datasheet HTML 34Page - STMicroelectronics AN3142 Datasheet HTML 35Page - STMicroelectronics AN3142 Datasheet HTML 36Page - STMicroelectronics AN3142 Datasheet HTML 37Page - STMicroelectronics AN3142 Datasheet HTML 38Page - STMicroelectronics AN3142 Datasheet HTML 39Page - STMicroelectronics AN3142 Datasheet HTML 40Page - STMicroelectronics AN3142 Datasheet HTML 41Page - STMicroelectronics AN3142 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 44 page
background image
Design example using the L6563S-FOT PFC Excel® spreadsheet
AN3142
38/44
Doc ID 17005 Rev 3
6
Design example using the L6563S-FOT PFC Excel®
spreadsheet
An Excel spreadsheet has been developed to allow a quick and easy design of a boost PFC
preregulator using the STMicroelectronics’ L6563S controller or the L6563H version,
operating in FOT mode. As shown in
Figure 21 the package and the pin-out are different but
most of the functions are the same and therefore they can be calculated in the same way.
Figure 26 and Figure 27 show the first sheet filled with the input design data used in
Section 4.1 on page 9.
Figure 26.
Excel spreadsheet design specification input table
Figure 27.
Other design data
The tool is able to generate a complete parts list of the PFC schematic represented in
Figure 28 or Figure 29, including the power dissipation calculation of the main components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44