전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4506 데이터시트(PDF) 7 Page - STMicroelectronics

부품명 AN4506
상세설명  This document is intended to provide information
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4506 데이터시트(HTML) 7 Page - STMicroelectronics

Back Button AN4506 Datasheet HTML 3Page - STMicroelectronics AN4506 Datasheet HTML 4Page - STMicroelectronics AN4506 Datasheet HTML 5Page - STMicroelectronics AN4506 Datasheet HTML 6Page - STMicroelectronics AN4506 Datasheet HTML 7Page - STMicroelectronics AN4506 Datasheet HTML 8Page - STMicroelectronics AN4506 Datasheet HTML 9Page - STMicroelectronics AN4506 Datasheet HTML 10Page - STMicroelectronics AN4506 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
IG_THS_YL
35h
THSY7
THSY6
THSY5
THSY4
THSY3
THSY2
THSY1
THSY0
IG_THS_ZH
36h
0
THSZ14
THSZ13
THSZ12
THSZ11
THSZ10
THSZ9
THSZ8
IG_THS_ZL
37h
THSZ7
THSZ6
THSZ5
THSZ4
THSZ3
THSZ2
THSZ1
THSZ0
IG_DURATION
38h
WAIT
D6
D5
D4
D3
D2
D1
D0
LOW_ODR
39h
0
0
DRDY_HL
0
I2C_dis
SW_RES
0
Low_ODR
Table 1. Registers
Register name
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com