전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN2266 데이터시트(PDF) 7 Page - STMicroelectronics

부품명 AN2266
상세설명  SLIC based system protection for European and Asian markets
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2266 데이터시트(HTML) 7 Page - STMicroelectronics

Back Button AN2266 Datasheet HTML 3Page - STMicroelectronics AN2266 Datasheet HTML 4Page - STMicroelectronics AN2266 Datasheet HTML 5Page - STMicroelectronics AN2266 Datasheet HTML 6Page - STMicroelectronics AN2266 Datasheet HTML 7Page - STMicroelectronics AN2266 Datasheet HTML 8Page - STMicroelectronics AN2266 Datasheet HTML 9Page - STMicroelectronics AN2266 Datasheet HTML 10Page - STMicroelectronics AN2266 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
DocID11830 Rev 2
7/16
AN2266
LCP topology based protection family
16
3
LCP topology based protection family
They are two kinds of protection product families based on the LCP concept:
The LCP152xx protects lines within the range from GND to -Vbat. The electrical
characteristic, given in Figure 8, shows the asymmetrical behavior of this protection
function. The Vgate threshold voltage is controlled by the negative bias voltage applied on
the gate pin. This voltage can be within the range from 0 to -150 V for the LCP152xx.
Figure 8. LCP152xx circuit and electrical characteristic
The LCP02-150xx is designed to protect lines where the normal operating voltage can be
negative or positive, and located between -Vbat and +Vb. The electrical characteristic, given
in Figure 9, shows a crowbar adjustable function for both positive and negative areas of the
curve. The knee of the positive part of the curve is controlled by the Gp gate bias while the
knee of the negative part is controlled by the Gn gate bias.
Figure 9. LCP02-150xx circuit and electrical characteristic
Gate
Tip
Ring
GND
Vgate
Ih
I
V
Gn
Tip
Ring
GND
Vgn
Ih
I
V
Gp
Ih+
Vgp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com