전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN2266 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 AN2266
상세설명  SLIC based system protection for European and Asian markets
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2266 데이터시트(HTML) 4 Page - STMicroelectronics

  AN2266 Datasheet HTML 1Page - STMicroelectronics AN2266 Datasheet HTML 2Page - STMicroelectronics AN2266 Datasheet HTML 3Page - STMicroelectronics AN2266 Datasheet HTML 4Page - STMicroelectronics AN2266 Datasheet HTML 5Page - STMicroelectronics AN2266 Datasheet HTML 6Page - STMicroelectronics AN2266 Datasheet HTML 7Page - STMicroelectronics AN2266 Datasheet HTML 8Page - STMicroelectronics AN2266 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Telecom disturbances
AN2266
4/16
DocID11830 Rev 2
Figure 4. ITU-T K20 lightning surge test definition
The applied peak voltage is 1.5 kV (10/700 µs - Enhanced level) which corresponds to an
applied peak current of 37.5 A (5/310 µs). Five applications of each polarity have to be
performed. These tests must be managed in both metallic and longitudinal modes (see
Figure 4b and Figure 4c). The standard defines the acceptance criterion of these tests as A
- “the equipment shall continue to operate properly after the test”.
Figure 5 gives the ITU-T K20 requirements for both power induction and contact test
circuits. This simulation is based on the application of 50/60 Hz through a resistor during a
programmed duration (i.e. 0.2 s for induction and 15 min. for contact).
Figure 5. ITU-T K20 power induction and power contact surge test definition
The applied rms voltage for the power induction test is 600 V which corresponds to an
applied rms current of 1 A. The duration of the test is 0.2 s and five applications have to be
performed. This test must bemanaged in both metallic and longitudinal modes. The
standard defines the acceptance criterion as A - “the equipment shall continue to operate
properly after the test”.
The applied rms voltage for the power contact tests is 230 V. The applied rms current
depends on the resistor used (10, 20, 40, 80, 160, 300, 600 and 1000
Ω). The duration of
the test is 15 min. and only one application has to be performed. This test must be managed
in both metallic and longitudinal modes. The standard defines the acceptance criterion as A
- “the equipment shall continue to operate properly after the test” for 160, 300 and 600
Ω
(Enhanced level) and as B - “the equipment may be damaged but should not become a fire
or electrical hazard”, for the other resistors.
U
20 µF
R1 = 50
Ω
R2 = 15
Ω
0.2 µF
K20 lightning
generator
R3 = 25
Ω
Coupling
network
Equipment
under test
E
B
A
R3 = 25
Ω
Coupling
network
Equipment
under test
E
B
A
R4 = 25
Ω
K20 lightning
generator
A. K20 Lightning generator
C. K20 Longitudinal test
B. K20 Metallic test
20
Ω
Equipment
under test
A
B E
10
Ω
Uac
Timing
circuit
100
Ω
20
Ω
10
Ω
100
Ω
S
T
T
A. K20 power induction generator
R = 600
Ω
Equipment
under test
A
B E
R = 600
Ω
Uac
Timing circuit
B. K20 power contact generator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com