전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN2266 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 AN2266
상세설명  SLIC based system protection for European and Asian markets
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2266 데이터시트(HTML) 3 Page - STMicroelectronics

  AN2266 Datasheet HTML 1Page - STMicroelectronics AN2266 Datasheet HTML 2Page - STMicroelectronics AN2266 Datasheet HTML 3Page - STMicroelectronics AN2266 Datasheet HTML 4Page - STMicroelectronics AN2266 Datasheet HTML 5Page - STMicroelectronics AN2266 Datasheet HTML 6Page - STMicroelectronics AN2266 Datasheet HTML 7Page - STMicroelectronics AN2266 Datasheet HTML 8Page - STMicroelectronics AN2266 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
DocID11830 Rev 2
3/16
AN2266
Telecom disturbances
16
1
Telecom disturbances
Figure 3 shows both classic (1) and new (2) telecommunication lines when they are
subjected to over voltages. These transients are mainly due to three kinds of disturbances.
The first one is linked to atmospheric effects (lightning); the second one is produced by the
50/60 Hz mains network, while the third one is produced by electrostatic discharge (ESD).
Today, simulations of these disturbances are well defined in worldwide or national
standards.
Figure 3. Line disturbance location
The standards used to qualify wired telecom equipment for European and Asian markets
refer to the ITU-T Kxx requirements (International Telecommunication Union). These
recommendations are based on the 10/700 µs surge tests for lightning simulation while
power induction and power crossing tests use 50 Hz alternating voltage from 230 to 600 V
of a duration of between 0.2 s to 15 min.
Figure 4 shows an example circuit for lightning surge simulation. This simulation is defined
by the ITU-T K20 standard. This simulation is based on the discharge of a 20 µF capacitor
through resistors. The 20 µF capacitor and the 50
Ω resistor define the surge wave duration
while the 15
Ω resistor and the 0.2 µF capacitor manage its rise time (see Figure 4a). In this
case the surge is defined as a 10/700 µs voltage waveform.
Subscriber terminal
Subscriber line cards
MDF
Central office
Primary protection
module
High speed
link
Line
Line
Subscriber terminal
Secondary protection
stage
Terminal
protections
Subscriber
location
Secondary protection
stage
Atmospheric effects
Electrostatic discharges
50/60Hz mains disturbances
(1)
(2)
Terminal
protections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com