전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN2266 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 AN2266
상세설명  SLIC based system protection for European and Asian markets
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2266 데이터시트(HTML) 5 Page - STMicroelectronics

  AN2266 Datasheet HTML 1Page - STMicroelectronics AN2266 Datasheet HTML 2Page - STMicroelectronics AN2266 Datasheet HTML 3Page - STMicroelectronics AN2266 Datasheet HTML 4Page - STMicroelectronics AN2266 Datasheet HTML 5Page - STMicroelectronics AN2266 Datasheet HTML 6Page - STMicroelectronics AN2266 Datasheet HTML 7Page - STMicroelectronics AN2266 Datasheet HTML 8Page - STMicroelectronics AN2266 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
DocID11830 Rev 2
5/16
AN2266
LCP concept
16
Table 1 shows the most commonly used worldwide ESD standards. Generally, level 4 is
required.
Section 2 presents the protection concept used for SLICs on both short and long line
applications.
2
LCP concept
Figure 6. LCP152xx concept behavior
Figure 6 shows the classic protection circuit using the LCP152xx crowbar concept. This
topology has been developed to protect the new high voltage SLICs. It allows the system to
be programmed for the negative firing threshold while the positive clamping value is fixed at
GND.
When a negative surge occurs on one wire (L1 for example), a current Ig flows through the
base of the transistor T and then injects a current in the gate of the thyristor Th. Then Th
turns on and the whole surge current shunts to ground (GND). After the surge, when the
current flowing through Th becomes lower than the holding current value Ih, Th switches off.
Table 1. IEC61000-4-2 ESD surge standard
1a contact discharge
1b air discharge
Level
Test voltage (kV)
Level
Test voltage (kV)
12
12
24
24
36
38
48
4
15
X(1)
1.
“X” is a level to be defined
Special
X(1)
Special
L 1
L 2
Gate
-Vbat
C
T
TIP
RING
GND
Th
D
Rs1
Rs2
Ig
ID
V tip
V Ring
Line side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com