전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN3994 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 AN3994
상세설명  One of the bigger challenges
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3994 데이터시트(HTML) 3 Page - STMicroelectronics

  AN3994 Datasheet HTML 1Page - STMicroelectronics AN3994 Datasheet HTML 2Page - STMicroelectronics AN3994 Datasheet HTML 3Page - STMicroelectronics AN3994 Datasheet HTML 4Page - STMicroelectronics AN3994 Datasheet HTML 5Page - STMicroelectronics AN3994 Datasheet HTML 6Page - STMicroelectronics AN3994 Datasheet HTML 7Page - STMicroelectronics AN3994 Datasheet HTML 8Page - STMicroelectronics AN3994 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 53 page
background image
AN3994
List of figures
Doc ID 022380 Rev 1
3/53
List of figures
Figure 1.
Standard HV MOSFET device cross section . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
Figure 2.
MD device cross section . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
Figure 3.
Silicon ideal limit, SJ limit and ST MD V position . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 4.
ST’s HV technology evolution . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 5.
N-channel Power MOSFET structure and intrinsic capacitances . . . . . . . . . . . . . . . . . . . . . 8
Figure 6.
Equivalent model of Power MOSFET intrinsic capacitances . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 7.
Clamped inductive load test circuit used to carry out the dynamic tests on the MOSFETs 10
Figure 8.
Turn-on of a MOSFET in a clamped inductive load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 9.
Equivalent capacitive model of a MOSFET . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 10.
Turn-off of a MOSFET in a clamped inductive load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 11.
Vg(t) curve measured on STB42NM60N @16 A, 400 V, IG=1.5 mA . . . . . . . . . . . . . . . . . 17
Figure 12.
Vg(t) curve measured on STW48NM60N @16 A, 400 V, IG=1.5 mA . . . . . . . . . . . . . . . . 17
Figure 13.
Turn-on of STB42N65M5 @16 A, 400 V, 47 W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 14.
Turn-on of STW48NM60N @16 A, 400 V, 47 W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 15.
Turn-off of STB42N65M5 @16 A, 400 V, 47 W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 16.
Turn-off of STW48NM60N @16 A, 400 V, 47 W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 17.
Minimum RDS(on) per package achievable by MD II and MD V . . . . . . . . . . . . . . . . . . . . 20
Figure 18.
STB42N65M5 vs. STW48NM60N Eon @ 8 A/16 A, 400 V . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 19.
STB42N65M5 vs. STW48NM60N di/dt at turn-on @ 8 A/16 A, 400 V . . . . . . . . . . . . . . . . 21
Figure 20.
STB42N65M5 vs. STW48NM60N dv/dt at turn-on @ 8 A/16 A 400 V . . . . . . . . . . . . . . . . 22
Figure 21.
STB42N65M5 vs. STW48NM60N zoom of dv/dt at turn-on @ 8 A/16 A 400 V . . . . . . . . . 22
Figure 22.
STB42N65M5 vs. STW48NM60N Eoff @ 8 A/16 A, 400 V . . . . . . . . . . . . . . . . . . . . . . . . 23
Figure 23.
STB42N65M5 vs. STW48NM60N di/dt at turn-off @ 8 A/16 A, 400 V . . . . . . . . . . . . . . . . 23
Figure 24.
STB42N65M5 vs. STW48NM60N dv/dt at turn-off @ 8 A/ 16 A, 400 V . . . . . . . . . . . . . . . 24
Figure 25.
STP35N65M5 vs. STB36NM60N Eon @ 7.5 A/15 A, 400 V . . . . . . . . . . . . . . . . . . . . . . . 24
Figure 26.
STP35N65M5 vs. STB36NM60N di/dt at turn-on @ 7.5 A/15 A, 400 V . . . . . . . . . . . . . . . 25
Figure 27.
STP35N65M5 vs. STB36NM60N dv/dt at turn-on @ 7.5 A/15 A 400 V . . . . . . . . . . . . . . . 25
Figure 28.
STP35N65M5 vs. STB36NM60N Eoff @ 7.5 A/15 A, 400 V . . . . . . . . . . . . . . . . . . . . . . . 26
Figure 29.
STP35N65M5 vs. STB36NM60N di/dt at turn-off @ 7.5 A/15 A, 400 V . . . . . . . . . . . . . . . 26
Figure 30.
STP35N65M5 vs. STB36NM60N dv/dt at turn-off @ 7.5 A/15 A, 400 V . . . . . . . . . . . . . . 27
Figure 31.
STP21N65M5 vs. STP24NM60N Eon @ 4 A/ 8 A, 400 V . . . . . . . . . . . . . . . . . . . . . . . . . 27
Figure 32.
STP21N65M5 vs. STP24NM60N di/dt at turn-on @ 4 A/8 A, 400 V . . . . . . . . . . . . . . . . . 28
Figure 33.
STP21N65M5 vs. STP24NM60N dv/dt at turn-on @ 4 A/8 A, 400 V . . . . . . . . . . . . . . . . . 28
Figure 34.
STP21N65M5 vs. STP24NM60N Eoff @ 4 A/8 A, 400 V . . . . . . . . . . . . . . . . . . . . . . . . . . 29
Figure 35.
STP21N65M5 vs. STP24NM60N di/dt at turn-off @ 4 A/8 A, 400 V . . . . . . . . . . . . . . . . . 29
Figure 36.
STP21N65M5 vs. STP24NM60N dv/dt at turn-off @ 4 A/8 A, 400 V . . . . . . . . . . . . . . . . . 30
Figure 37.
STP16N65M5 vs. STP18NM60N Eon @ 3 A/6 A, 400 V . . . . . . . . . . . . . . . . . . . . . . . . . . 30
Figure 38.
STP16N65M5 vs. STP18NM60N di/dt at turn-on @ 3 A/ 6 A, 400 V . . . . . . . . . . . . . . . . . 31
Figure 39.
STP16N65M5 vs. STP18NM60N dv/dt at turn-on @ 3 A/6 A, 400 V . . . . . . . . . . . . . . . . . 31
Figure 40.
STP16N65M5 vs. STP18NM60N Eoff @ 3 A/6 A, 400 V . . . . . . . . . . . . . . . . . . . . . . . . . . 32
Figure 41.
STP16N65M5 vs. STP18NM60N di/dt at turn-off @ 3 A/6 A, 400 V . . . . . . . . . . . . . . . . . 32
Figure 42.
STP16N65M5 vs. STP18NM60N dv/dt at turn-off @ 3 A/6 A, 400 V . . . . . . . . . . . . . . . . . 33
Figure 43.
Equivalent capacitive model of a MOSFET with parasitic inductances at turn-on . . . . . . . 36
Figure 44.
Turn-on of STW77N65M5@400 V, 13 A, 25 °C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 37
Figure 45.
Equivalent driving circuit of a MOSFET at turn-on with parasitic source inductance . . . . . 38
Figure 46.
Simplified equivalent series resonant model of the driving circuit of a MOSFET . . . . . . . . 39
Figure 47.
Gate driving and main switching loops for a MOSFET in a BOOST-like topology . . . . . . . 40
Figure 48.
STW77 energy ON difference between the standard layout and the optimized layout . . . 41
Figure 49.
STW77 energy OFF difference between the standard layout and the optimized layout. . . 41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com