전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN3994 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 AN3994
상세설명  One of the bigger challenges
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3994 데이터시트(HTML) 4 Page - STMicroelectronics

  AN3994 Datasheet HTML 1Page - STMicroelectronics AN3994 Datasheet HTML 2Page - STMicroelectronics AN3994 Datasheet HTML 3Page - STMicroelectronics AN3994 Datasheet HTML 4Page - STMicroelectronics AN3994 Datasheet HTML 5Page - STMicroelectronics AN3994 Datasheet HTML 6Page - STMicroelectronics AN3994 Datasheet HTML 7Page - STMicroelectronics AN3994 Datasheet HTML 8Page - STMicroelectronics AN3994 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 53 page
background image
List of figures
AN3994
4/53
Doc ID 022380 Rev 1
Figure 50.
STW77N65M5 Eoff @ 20 A, 2.2 W with non-optimized common path. . . . . . . . . . . . . . . . 42
Figure 51.
STW77N65M5 Eoff @ 20 A, 2.2 W with non-optimized common path. . . . . . . . . . . . . . . . 42
Figure 52.
STW77N65M5 Eoff @ 20 A, 2.2 W with optimized common path . . . . . . . . . . . . . . . . . . . 42
Figure 53.
STW77N65M5 Eoff @ 40 A, 2.2 W with non-optimized common path. . . . . . . . . . . . . . . . 43
Figure 54.
STW77N65M5 Eoff @ 40 A, 2.2 W with non-optimized common path. . . . . . . . . . . . . . . . 43
Figure 55.
STW77N65M5 Eoff @ 40 A, 2.2 W, 400 V with optimized common path . . . . . . . . . . . . . 43
Figure 56.
STW77N65M5 Eon@20 A, 2.2 W with no n-optimized common path . . . . . . . . . . . . . . . . 44
Figure 57.
STW77N65M5 Eon@20 A, 2.2 W with non-optimized common path. . . . . . . . . . . . . . . . . 44
Figure 58.
STW77N65M5 Eon@20 A, 2.2 W with optimized common path . . . . . . . . . . . . . . . . . . . . 44
Figure 59.
STW77N65M5 Eon@20 A, 2.2 W with optimized common path . . . . . . . . . . . . . . . . . . . . 44
Figure 60.
STW77N65M5 Eon@40 A, 2.2 W with non-optimized common path. . . . . . . . . . . . . . . . . 45
Figure 61.
STW77N65M5 Eon@40 A, 2.2 W with non-optimized common path. . . . . . . . . . . . . . . . . 45
Figure 62.
STW77N65M5 Eon@40 A, 2.2 W with optimized common path . . . . . . . . . . . . . . . . . . . . 45
Figure 63.
STW77N65M5
Eon@40 A, 2.2 W with optimized common path . . . . . . . . . . . . . . . . . . 45
Figure 64.
Schematic of 4-pin solution . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 46
Figure 65.
STW77N65M5 energy ON difference between the optimized layout (3-pin) and 4-pin
solution . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 46
Figure 66.
STW77N65M5 energy ON difference between the optimized layout (3-pin) and 4-pin
solution . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 47
Figure 67.
STW77N65M5 energy OFF difference between the optimized layout (3-pin) and 4-pin
solution . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 47
Figure 68.
STW77N65M5 Eoff@20 A, 2.2 W, 400 V 4-pin solution. . . . . . . . . . . . . . . . . . . . . . . . . . . 48
Figure 69.
STW77N65M5 Eon@20 A, 2.2 W 4-pin solution . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 48
Figure 70.
STW77N65M5 Eon @20 A, 2.2 W 4-pin solution . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 48
Figure 71.
STW77N65M5 Eon@40 A, 2.2 W 4-pin solution . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 49
Figure 72.
STW77N65M5 Eon@40 A, 2.2 W 4-pin solution . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 49
Figure 73.
Basic driving stage of a Power MOSFET at turn-off with negative VGM . . . . . . . . . . . . . . 49
Figure 74.
STW77N65M5 Eoff@52 A, 4.7 W, 400 V, VGMoff=-5 V . . . . . . . . . . . . . . . . . . . . . . . . . . 50
Figure 75.
STW77N65M5 Eoff@52 A, 4.7 W, 400 V, VGMoff=-5 V . . . . . . . . . . . . . . . . . . . . . . . . . . 50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com