전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN3994 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 AN3994
상세설명  One of the bigger challenges
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3994 데이터시트(HTML) 5 Page - STMicroelectronics

  AN3994 Datasheet HTML 1Page - STMicroelectronics AN3994 Datasheet HTML 2Page - STMicroelectronics AN3994 Datasheet HTML 3Page - STMicroelectronics AN3994 Datasheet HTML 4Page - STMicroelectronics AN3994 Datasheet HTML 5Page - STMicroelectronics AN3994 Datasheet HTML 6Page - STMicroelectronics AN3994 Datasheet HTML 7Page - STMicroelectronics AN3994 Datasheet HTML 8Page - STMicroelectronics AN3994 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 53 page
background image
AN3994
ST multidrain technology evolution
Doc ID 022380 Rev 1
5/53
1
ST multidrain technology evolution
At the beginning of 2000, STMicroelectronics introduced the super junction MOSFET
technology to the market, the basic structure of which is clear from Figure 1:
Figure 1.
Standard HV MOSFET device cross section
Figure 2.
MD device cross section
As concerns standard MOSFET technology, designers understand that RDS(on) * area and
breakdown voltage are associated with a theoretical limit which strictly depends on the
material and can not be overcome. Development efforts of the major suppliers have mainly
focused on making the RDS(on)* area as close as possible to this physical limit, by reducing
the most important contributions of a high voltage Power MOSFET to the total RDS(on).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53