전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4043 데이터시트(PDF) 7 Page - STMicroelectronics

부품명 AN4043
상세설명  In recent years the variable speed motor control market has required high performance
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4043 데이터시트(HTML) 7 Page - STMicroelectronics

Back Button AN4043 Datasheet HTML 3Page - STMicroelectronics AN4043 Datasheet HTML 4Page - STMicroelectronics AN4043 Datasheet HTML 5Page - STMicroelectronics AN4043 Datasheet HTML 6Page - STMicroelectronics AN4043 Datasheet HTML 7Page - STMicroelectronics AN4043 Datasheet HTML 8Page - STMicroelectronics AN4043 Datasheet HTML 9Page - STMicroelectronics AN4043 Datasheet HTML 10Page - STMicroelectronics AN4043 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 60 page
background image
AN4043
Inverter design concept and SLLIMM-nano solution
Doc ID 022726 Rev 2
7/60
1.1
Product synopsis
The SLLIMM-nano family has been designed to satisfy the requirements of a wide range of
final applications up to 100 W (in free air), such as:
●
dish washers
●
refrigerator compressors
●
air conditioning fans
●
draining and recirculation pumps
●
low power industrial applications
●
small fans, pumps and tools.
The main features and integrated functions can be summarized as follows:
●
600 V, 3 A ratings
●
3-phase IGBT inverter bridge including:
–
six low-loss IGBTs
–
six low forward voltage drop and soft recovery freewheeling diodes
●
three control ICs for gate driving and protection including:
–
smart shutdown function
–
comparator for fault protection against overcurrent and short-circuit
–
op amp for advanced current sensing
–
three integrated bootstrap diodes
–
interlocking function
–
undervoltage lockout
●
open emitter configuration for individual phase current sensing
●
very compact and fully isolated package
●
integrated gate resistors for IGBT switching speed optimum setting
●
gate driver proper biasing.
Figure 2.
Discrete-based inverter vs. SLLIMM-nano solution comparison



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com