| 전자부품 데이터시트 검색엔진 |
|
AN4043 데이터시트(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4043 데이터시트(HTML) 11 Page - STMicroelectronics |
|
11 / 60 page ![]() AN4043 Inverter design concept and SLLIMM-nano solution Doc ID 022726 Rev 2 11/60 1.4 Absolute maximum ratings The absolute maximum ratings represent the extreme capability of the device and they can be normally used as a worst limit design condition. It is important to note that the absolute maximum value is given according to a set of testing conditions such us temperature, frequency, voltage, and so on. Device performance can change according to the applied condition. Figure 6. Internal circuit of the STGIPN3H60 |