| 전자부품 데이터시트 검색엔진 |
|
AN4043 데이터시트(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4043 데이터시트(HTML) 16 Page - STMicroelectronics |
|
16 / 60 page ![]() Electrical characteristics and functions AN4043 16/60 Doc ID 022726 Rev 2 Figure 8. High voltage gate drive die image Each high voltage gate driver chip controls two IGBTs in half bridge topology, offering basic functions such as dead time, interlocking, integrated bootstrap diode, and also advanced features such as smart shutdown (patented), fault comparator, and a dedicated high performance op amp for advanced current sensing. A schematic summary of the features by device are listed in Table 1. In this application note the main characteristics of a high voltage gate drive related to the SLLIMM-nano are discussed. For a greater understanding, please refer to the AN2738 application note. |