전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4192 데이터시트(PDF) 7 Page - STMicroelectronics

부품명 AN4192
상세설명  In the latest generation of CPUs for modern desktop and notebook platforms
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4192 데이터시트(HTML) 7 Page - STMicroelectronics

Back Button AN4192 Datasheet HTML 3Page - STMicroelectronics AN4192 Datasheet HTML 4Page - STMicroelectronics AN4192 Datasheet HTML 5Page - STMicroelectronics AN4192 Datasheet HTML 6Page - STMicroelectronics AN4192 Datasheet HTML 7Page - STMicroelectronics AN4192 Datasheet HTML 8Page - STMicroelectronics AN4192 Datasheet HTML 9Page - STMicroelectronics AN4192 Datasheet HTML 10Page - STMicroelectronics AN4192 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
AN4192
Synchronous buck converter: a brief introduction
Doc ID 023820 Rev 1
7/47
Figure 2.
HS/LS gate-source voltages
The load current doesn't become zero (the output coil doesn't discharge completely): the
converter works in continuous current mode (CCM). After the LS turns off, the load current
re-flows through the LS body diode (deadtime) and then another switching cycle begins.
As the input voltage is typically 12 V and the core voltage is 1.2 - 1.3 V, the converter duty
cycle is small (0.1- 0.2%): then, the HS FET is on for a shorter time, while the LS FET has
longer ton.
Modern VRM topologies should have some additional features:
●
High switching frequencies working capability
●
Ever-increasing output current to be delivered to the load
●
Input and output current ripple minimized.
To match these requirements, the “multiphase” approach (Figure 3) is universally used,
developed by interleaving more single-phase SBCs, connected together in the output
capacitor pins. In this way, we obtain some advantages:
a)
Each phase can manage up to 25 - 30 A (according to the layout and cooling down
characteristics): so, it is possible to handle high currents, with improved efficiency.
Moreover, the device reliability increases.
b)
The total load current is given by adding all the phase currents: this causes a
strong reduction of the output current ripple.
c)
Input and output filter component size and dimension can be minimized; the
converter working capability at high switching frequencies increases.
dI
L
dt
--------
V
core
L
--------------
–
=
AM16446V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com