전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TN0107 데이터시트(PDF) 7 Page - STMicroelectronics

부품명 TN0107
상세설명  Mounting instructions for STMicroelectronics
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN0107 데이터시트(HTML) 7 Page - STMicroelectronics

Back Button TN0107 Datasheet HTML 3Page - STMicroelectronics TN0107 Datasheet HTML 4Page - STMicroelectronics TN0107 Datasheet HTML 5Page - STMicroelectronics TN0107 Datasheet HTML 6Page - STMicroelectronics TN0107 Datasheet HTML 7Page - STMicroelectronics TN0107 Datasheet HTML 8Page - STMicroelectronics TN0107 Datasheet HTML 9Page - STMicroelectronics TN0107 Datasheet HTML 10Page - STMicroelectronics TN0107 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
DocID15852 Rev 3
7/15
TN0107
Handling precautions and storage notices
15
2
Handling precautions and storage notices
Thermal and/or mechanical stress may deteriorate the device’s electrical characteristics
and/or its reliability.
2.1
Transportation
The device and its packaging material have to be handled with care. The device shouldn’t
be subjected to mechanical vibration or shock during transport. Wet conditions are
dangerous as well as moisture can also adversely affect the packaging. The devices should
be placed in the conductive trays before using them. Leads shouldn’t be touched. Package
boxes have not to be stressed because stress might cause the electrode terminals to be
deformed or the resin case to be damaged. Throwing or dropping the packaging boxes
might cause the devices to be damaged. Wetting packaging boxes might cause the
breakdown of the devices.
2.2
Storage
•
The storage area cannot be exposed to moisture or direct sunlight.
•
Humidity should be kept within the range from 40% to 75%, and the temperature also
shouldn’t be over 35 °C or below 5 °C.
•
Harmful gases or dusty environments are dangerous.
•
Lead solderability can be degraded by lead oxidation or corrosion, therefore the
minimal temperature fluctuation is highly recommended.
•
Antistatic containers are recommended. Unused devices should be stored no longer
than one month.
2.3
Environment
•
The board container or bag protects against static discharge. Boards shouldn’t be
stacked directly on top of one another and they have to be separated from each other
to avoid static charge/discharge caused by friction.
•
Cart surface material, in contact with the device packaging, conducts static electricity,
and is grounded to the floor surface with a grounding chain.
•
Finger cots or gloves have to be worn to protect the device against static electricity.
•
When humidity in the working environment decreases, the human body and other
insulators can easily become charged with electrostatic electricity due to friction
Therefore the recommended humidity is within 40%, 60% in the work environment. Be
aware of the risk of moisture absorption by the products after unpacking from moisture-
proof packaging.
•
Equipment and tools in the working area have to be grounded to earth.
•
Appropriate measures (place a conductive mat over the floor of the work area) have to
be taken so that the floor surface is grounded to earth and is protected against
electrostatic electricity.
•
The workbench surface has to be covered with a conductive mat, grounded to earth, to
disperse electrostatic electricity on the surface through resistive components



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com