전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TN0107 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 TN0107
상세설명  Mounting instructions for STMicroelectronics
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN0107 데이터시트(HTML) 3 Page - STMicroelectronics

  TN0107 Datasheet HTML 1Page - STMicroelectronics TN0107 Datasheet HTML 2Page - STMicroelectronics TN0107 Datasheet HTML 3Page - STMicroelectronics TN0107 Datasheet HTML 4Page - STMicroelectronics TN0107 Datasheet HTML 5Page - STMicroelectronics TN0107 Datasheet HTML 6Page - STMicroelectronics TN0107 Datasheet HTML 7Page - STMicroelectronics TN0107 Datasheet HTML 8Page - STMicroelectronics TN0107 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
DocID15852 Rev 3
3/15
TN0107
Installation guide: heatsink mounting
15
1
Installation guide: heatsink mounting
Here below basic guidelines to assure safe heatsink mounting:
•
Avoid applying excessive pressure to the SLLIMM, as it could damage the module and
cause saturation of thermal dissipation capability.
•
Smooth the surface by removing burrs and protrusions of indentations to assure good
contact between the SLLIMM and the heatsink.
•
Do not touch the heatsink when the application runs to avoid burn injury.
1.1
Silicon grease
The silicon grease has to be applied between SDIP module and the heatsink to reduce the
contact thermal resistance. High quality grease with stable performance should be used
within the operating temperature range of the power module. The coating has to be applied
thinly and evenly, taking care not to leave any voids on the contact surface between the
module and the heatsink. A uniform layer of silicon grease (from 100 µm up to 200 µm of
thickness, see Figure 1) should be also applied to prevent corrosion.
Figure 1. Recommended silicon grease thickness
AM01284v1
Silicon grease
100~200 µm thickness
SDIP-IPM
Heat sink



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com