전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TN0107 데이터시트(PDF) 9 Page - STMicroelectronics

부품명 TN0107
상세설명  Mounting instructions for STMicroelectronics
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN0107 데이터시트(HTML) 9 Page - STMicroelectronics

Back Button TN0107 Datasheet HTML 5Page - STMicroelectronics TN0107 Datasheet HTML 6Page - STMicroelectronics TN0107 Datasheet HTML 7Page - STMicroelectronics TN0107 Datasheet HTML 8Page - STMicroelectronics TN0107 Datasheet HTML 9Page - STMicroelectronics TN0107 Datasheet HTML 10Page - STMicroelectronics TN0107 Datasheet HTML 11Page - STMicroelectronics TN0107 Datasheet HTML 12Page - STMicroelectronics TN0107 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
DocID15852 Rev 3
9/15
TN0107
Reflow
15
3
Reflow
The SLLIMM is intended to be a through hole device (THD). THDs are typically soldered by
wave soldering. However, as the number of THDs on a board continues decreasing in some
applications, wave soldering becomes less cost-effective, so the few remaining THDs
(mostly connectors and special components) are soldered with selective wave soldering or
with pin-in-paste techniques plus reflow soldering.
3.1
Selective wave soldering of SLLIMM
Wave soldering is a large-scale soldering process by which electronic components are
soldered to a PCB to form an electronic assembly. The name derives from the fact that the
process uses a tank to hold a quantity of molten solder; components are inserted into or
placed on the PCB and the loaded PCB is passed across a pumped wave or cascade of
solder. The solder wets the exposed metallic areas of the board (those not protected with
solder mask), creating a reliable mechanical and electrical connection.
For THDs, only the leads that extend through the drill holes in the PCB contact the hot
solder. The body of the package is heated by the hot leads. This has two consequences:
1.
The package body is cooler than in the case of reflow soldering.
2.
The temperature gradient between leads and body and inside the package is greater
than in the case of reflow soldering.
Therefore, for wave-solderable THDs, the heat resistance is tested according to JESD22-
B106 and IEC668 2-20 (typically 260 °C, 10 s).
Note:
Immersion of the whole package body into the molten solder is not recommended since the
SLLIMM is not designated for such a harsh temperature shock.
For evaluation of its ability to withstand full body immersion please see JESD22-A111.
There are many types of wave-soldering machines, but their basic components and
principles are the same. A standard wave-soldering machine consists of three zones: the
fluxing zone, the preheating zone, and the soldering zone. A fourth zone, the cleaning zone,
may be used depending on the type of flux applied.
Dual-wave soldering is the most commonly used wave-soldering method (please see
Figure 6). The peak temperatures, ramp rates, and times that are used depend on the
materials and the wave-soldering equipment.
The first wave has a turbulent flow and therefore guarantees a wetting of nearly all shapes
of leads and board pads, but also creates an increased number of unwanted solder bridges.
These solder bridges have to be removed by the second, laminar wave.
When using lead-free solder alloys, a nitrogen atmosphere is recommended.
Selective wave soldering is used when only a few THDs have to be soldered onto the board.
Generally this is done after the other components are already soldered by reflow soldering.
This requires effective protection of these components undergoing the selective wave
soldering. This protection can be achieved either by using special fixtures and deflectors for
the PCB or a small wave shape achieved by using special wave-guiding tubes or covers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com