전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TN0107 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 TN0107
상세설명  Mounting instructions for STMicroelectronics
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN0107 데이터시트(HTML) 5 Page - STMicroelectronics

  TN0107 Datasheet HTML 1Page - STMicroelectronics TN0107 Datasheet HTML 2Page - STMicroelectronics TN0107 Datasheet HTML 3Page - STMicroelectronics TN0107 Datasheet HTML 4Page - STMicroelectronics TN0107 Datasheet HTML 5Page - STMicroelectronics TN0107 Datasheet HTML 6Page - STMicroelectronics TN0107 Datasheet HTML 7Page - STMicroelectronics TN0107 Datasheet HTML 8Page - STMicroelectronics TN0107 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
DocID15852 Rev 3
5/15
TN0107
Installation guide: heatsink mounting
15
Figure 3. Overtightening causes molding compound crack
Figure 4 shows the recommended fastening sequence to mount screws. ST recommends
setting torque at 0.2/0.3N
·m for temporary tight mounting screws, while for permanently
tight mounting screws, the suggested torque is 0.7 N
·m (1 N·m max.) crosswise.
To reduce fastening process cycle time, two-steps permanently tightening is also possible:
If two-steps permanent tightening is applied, thermal grease may not evenly distribute
between the module and the external heatsink. In case of use of electrical or pneumatic
screwdriver, a revolution at 200 rpm max. is suggested, because a quick impact of screw
may damage the module plastic body.
Figure 4. Mounting screws: recommended fastening order
Molding compound crack
GIPG1406031450SA
GIPG1406031528SA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com