전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LTC3400 데이터시트(PDF) 9 Page - Linear Technology

부품명 LTC3400
상세설명  600mA, 1.2MHz Micropower Synchronous Boost Converter in ThinSOT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINER [Linear Technology]
홈페이지  http://www.linear.com
Logo LINER - Linear Technology

LTC3400 데이터시트(HTML) 9 Page - Linear Technology

Back Button LTC3400 Datasheet HTML 4Page - Linear Technology LTC3400 Datasheet HTML 5Page - Linear Technology LTC3400 Datasheet HTML 6Page - Linear Technology LTC3400 Datasheet HTML 7Page - Linear Technology LTC3400 Datasheet HTML 8Page - Linear Technology LTC3400 Datasheet HTML 9Page - Linear Technology LTC3400 Datasheet HTML 10Page - Linear Technology LTC3400 Datasheet HTML 11Page - Linear Technology LTC3400 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LTC3400/LTC3400B
9
3400fa
TYPICAL APPLICATIO S
D1
1nF
OPTIONAL
SNUBBER
SW
L1
4.7
µH
2
VOUT
LTC3400
FB
VIN
SHDN
2
3400 TA02a
1
3
C2
4.7
µF
C3
100pF
R1
1.02M
1%
D1: PHILIPS PMEG2010EA
L1: SUMIDA CMD4D06-4R7
C1, C2: TAIYO YUDEN JMK212BJ475MG
C1
4.7
µF
LITHIUM
CELL
5
4
6
GND
+
OFF ON
R2
332k
1%
Single Lithium Cell to 5V, 250mA
3.6V to 5V Efficiency
LOAD CURRENT (mA)
60
70
80
90
100
0.1
10
100
1000
3400 TA02b
50
1
LTC3400
CO = 4.7µF
L = 4.7
µH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com