전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LTC3400 데이터시트(PDF) 1 Page - Linear Technology

부품명 LTC3400
상세설명  600mA, 1.2MHz Micropower Synchronous Boost Converter in ThinSOT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINER [Linear Technology]
홈페이지  http://www.linear.com
Logo LINER - Linear Technology

LTC3400 데이터시트(HTML) 1 Page - Linear Technology

  LTC3400 Datasheet HTML 1Page - Linear Technology LTC3400 Datasheet HTML 2Page - Linear Technology LTC3400 Datasheet HTML 3Page - Linear Technology LTC3400 Datasheet HTML 4Page - Linear Technology LTC3400 Datasheet HTML 5Page - Linear Technology LTC3400 Datasheet HTML 6Page - Linear Technology LTC3400 Datasheet HTML 7Page - Linear Technology LTC3400 Datasheet HTML 8Page - Linear Technology LTC3400 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LTC3400/LTC3400B
1
3400fa
s
Pagers
s
MP3 Players
s
Digital Cameras
s
LCD Bias Supplies
s
Handheld Instruments
s
Wireless Handsets
s
GPS Receivers
s
Up to 92% Efficiency
s
Generates 3.3V at 100mA from a Single AA Cell
s
Low Start-Up Voltage: 0.85V
s
1.2MHz Fixed Frequency Switching
s
Internal Synchronous Rectifier
s
2.5V to 5V Output Range
s
Automatic Burst Mode
® Operation (LTC3400)
s
Continuous Switching at Light Loads (LTC3400B)
s
Logic Controlled Shutdown (< 1
µA)
s
Antiringing Control Minimizes EMI
s
Tiny External Components
s
Low Profile (1mm) SOT-23 Package
600mA, 1.2MHz Micropower
Synchronous Boost Converter
in ThinSOT
Figure 1. Single Cell to 3.3V Synchronous Boost Converter
The LTC
®3400/LTC3400B are synchronous, fixed fre-
quency, step-up DC/DC converters delivering high effi-
ciency in a 6-lead ThinSOT™ package. Capable of supplying
3.3V at 100mA from a single AA cell input, the devices
contain an internal NMOS switch and PMOS synchronous
rectifier.
A switching frequency of 1.2MHz minimizes solution
footprint by allowing the use of tiny, low profile inductors
and ceramic capacitors. The current mode PWM design is
internally compensated, reducing external parts count.
The LTC3400 features automatic shifting to power saving
Burst Mode operation at light loads, while the LTC3400B
features continuous switching at light loads. Antiringing
control circuitry reduces EMI concerns by damping the
inductor in discontinuous mode, and the devices feature
low shutdown current of under 1
µA.
Both devices are available in the low profile (1mm)
SOT-23 package.
ThinSOT is a trademark of Linear Technology Corporation.
SW
L1
4.7
µH
VOUT
LTC3400
FB
VIN
SHDN
2
1
3
3400 F01
R1
1.02M
1%
C1, C2: TAIYO-YUDEN X5R EMK316BJ475ML
L1: COILCRAFT DO160C-472
R2
604k
1%
C2
4.7
µF
C1
4.7
µF
SINGLE
AA CELL
VOUT
3.3V
100mA
5
4
6
GND
+
OFF ON
LOAD CURRENT (mA)
60
80
100
50
70
90
0.1
10
100
1000
3400 F01a
40
1
VIN = 2.4V
VIN = 1.5V
FIGURE 1 CIRCUIT
WITH OPTIONAL SCHOTTKY DIODE
(SEE APPLICATIONS INFORMATION)
Efficiency
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
, LTC, LT and Burst Mode are registered trademarks of Linear Technology Corporation.


유사한 부품 번호 - LTC3400

제조업체부품명데이터시트상세설명
logo
Linear Technology
LTC3400 LINER-LTC3400 Datasheet
181Kb / 12P
600mA, 1.2MHz Micropower Synchronous Boost Converter in ThinSOT
LTC3400 LINER-LTC3400 Datasheet
286Kb / 16P
500mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
LTC3400-1 LINER-LTC3400-1 Datasheet
294Kb / 12P
600mA, 1.2MHz Micropower Synchronous Boost Converter in ThinSOT
LTC3400-1 LINER-LTC3400-1 Datasheet
300Kb / 12P
600mA, 1.2MHz Micropower Synchronous Boost Converter in ThinSOT
LTC3400-1 LINER-LTC3400-1_15 Datasheet
300Kb / 12P
600mA, 1.2MHz Micropower Synchronous Boost Converter in ThinSOT
More results

유사한 설명 - LTC3400

제조업체부품명데이터시트상세설명
logo
Linear Technology
LTC3400 LINER-LTC3400 Datasheet
181Kb / 12P
600mA, 1.2MHz Micropower Synchronous Boost Converter in ThinSOT
LTC3459 LINER-LTC3459 Datasheet
216Kb / 12P
10V Micropower Synchronous Boost Converter in ThinSOT
logo
Advanced Analogic Techn...
AAT1217 ANALOGICTECH-AAT1217 Datasheet
683Kb / 13P
600mA, 1.2MHz, Micropower Synchronous Step-Up Converter
AAT1217 ANALOGICTECH-AAT1217_08 Datasheet
346Kb / 13P
600mA, 1.2MHz, Micropower Synchronous Step-Up Converter
logo
Linear Technology
LTC3400-1 LINER-LTC3400-1 Datasheet
294Kb / 12P
600mA, 1.2MHz Micropower Synchronous Boost Converter in ThinSOT
logo
Skyworks Solutions Inc.
AAT1217 SKYWORKS-AAT1217 Datasheet
1,001Kb / 13P
600mA, 1.2MHz, Micropower Synchronous Step-Up Converter
logo
Linear Technology
LTC3400-1 LINER-LTC3400-1_15 Datasheet
300Kb / 12P
600mA, 1.2MHz Micropower Synchronous Boost Converter in ThinSOT
LTC3400B LINER-LTC3400B_15 Datasheet
223Kb / 12P
600mA, 1.2MHz Micropower Synchronous Boost Converter in ThinSOT
logo
TECHCODE SEMICONDUCTOR,...
TD8587 TECHCODE-TD8587 Datasheet
702Kb / 13P
1.2MHz Synchronous Boost Converter
TD8588 TECHCODE-TD8588 Datasheet
601Kb / 13P
1.2MHz Synchronous Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com