전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN1752 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 AN1752
상세설명  ST72324 QUICK REFERENCE NOTE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1752 데이터시트(HTML) 6 Page - STMicroelectronics

Back Button AN1752 Datasheet HTML 2Page - STMicroelectronics AN1752 Datasheet HTML 3Page - STMicroelectronics AN1752 Datasheet HTML 4Page - STMicroelectronics AN1752 Datasheet HTML 5Page - STMicroelectronics AN1752 Datasheet HTML 6Page - STMicroelectronics AN1752 Datasheet HTML 7Page - STMicroelectronics AN1752 Datasheet HTML 8Page - STMicroelectronics AN1752 Datasheet HTML 9Page - STMicroelectronics AN1752 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6/14
ST72324 QUICK REFERENCE NOTE
2.5 POWERFUL INDUSTRY STANDARD COMMUNICATION INTERFACES
The ST72324 SCI is supported by LIN communication software. LIN is a low cost communica-
tion architecture for local interconnect networks in vehicles. This makes the ST72324 suitable
for use in automotive applications.
Useful Tips:
Using LIN for automotive networks
The software LIN compatible SCI can be used in automotive
application for connecting various intelligent mechatronical systems.
For more information how to use LIN refer to:
AN1278: LIN Solutions
SPI is a powerful interface for communicating with on-board components with very little CPU
overhead.
Useful Tips:
Software SS management for SPI
The application can choose to manage the Slave Select signal by
software. This will free one I/O line for application usage
2.6 IN-CIRCUIT PROGRAMMING AND IN-APPLICATION PROGRAMMING
In addition to using a socket-type programming tool, the following two modes allow you to pro-
gram the ST72324 without removing it from the application board.
ICP: In-Circuit-Programming: ICP is the ability to program the Flash memory (All Flash sectors
and the option byte row) of a microcontroller using the ICC (In-Circuit Communication) pro-
tocol after the device has been plugged into the board, but not while the application is running.
IAP: In-Application-Programming: IAP is the ability to re-program the Flash memory (Option
Bytes and All Flash sectors except Sector 0) of a microcontroller while the device is plugged
into the application and the application is running. As sector 0 contains the software driver that
does the re-programming, it is write protected and therefore is not re-programmable. You
have to initially program the software driver in sector 0 using ICP.
Useful Tips:
Using In-Application Programming
Applications can use In-Application Programming as a very flexible
way of programming the ST72324.
For more information on how to use IAP refer to:
AN1576: In-Application programming drivers for ST7 HDFlash or
XFlash MCUs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com