전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN1752 데이터시트(PDF) 10 Page - STMicroelectronics

부품명 AN1752
상세설명  ST72324 QUICK REFERENCE NOTE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1752 데이터시트(HTML) 10 Page - STMicroelectronics

Back Button AN1752 Datasheet HTML 6Page - STMicroelectronics AN1752 Datasheet HTML 7Page - STMicroelectronics AN1752 Datasheet HTML 8Page - STMicroelectronics AN1752 Datasheet HTML 9Page - STMicroelectronics AN1752 Datasheet HTML 10Page - STMicroelectronics AN1752 Datasheet HTML 11Page - STMicroelectronics AN1752 Datasheet HTML 12Page - STMicroelectronics AN1752 Datasheet HTML 13Page - STMicroelectronics AN1752 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10/14
ST72324 QUICK REFERENCE NOTE
3.2 DEBUGGING TOOLS
3.2.1 ST7 Visual Debug IDE: STVD7
STVD7 provides a graphical interface for C or Assembler coding, compiling, downloading and
debugging with ST7 Emulators. STVD7 interfaces easily with Cosmic and Metrowerks C com-
pilers. STVD7 drives all the ST development tools.
This is available on the STMicroelectronics Microcontroller Development Tools CD-ROM or
can be downloaded from http://www.st.com/mcu>ST MCU Support>Downloads>H/W and S/
W Tools.
3.2.2 ST7 Simulator
A free solution, the ST7 simulator offers the ability to develop an application by simulating the
ST7 device. It takes advantage of the powerful and easy to use STVD7 IDE. It simulates the
ST7 core and main peripherals.
This is available on the STMicroelectronics Microcontroller Development Tools CD-ROM or
can be downloaded from http://www.st.com/mcu>ST MCU Support>Downloads>H/W and S/
W Tools.
3.2.3 Emulators
You can choose between ST7MDT20-DVP3 low-cost real time emulator and ST7MDT20J-
EMU3 high performance real time emulator.
3.2.3.1 ST7 Development Kit: ST7MDT20-DVP3
The ST7-DVP3 development kit provides high quality real-time debugging. Its features in-
clude:
s
Up to 64KB breakpoints and advanced breakpoints on data
s
Tracing of up to 512 records
s
One input trigger and one output trigger
s
Selectable clock frequency 2,4,8 or 16 MHz
s
Parallel or USB host interface
s
Target voltage 3.3 or 5V
Useful Tips:
Using ST7MDT20-DVP3 with TQFP packages
Only SDIP32 and SDIP42 passive probes are provided as part of
standard package. To use TQFP packages you need to order option
ST7MDT20-T32/DVP for TQFP32 package or ST7MDT20-T44/DVP
for TQFP44 package separately.
Web: http://www.st.com/mcu>ST MCU Support>Downloads>H/W and S/W Tools



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com