전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN1752 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 AN1752
상세설명  ST72324 QUICK REFERENCE NOTE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1752 데이터시트(HTML) 4 Page - STMicroelectronics

  AN1752 Datasheet HTML 1Page - STMicroelectronics AN1752 Datasheet HTML 2Page - STMicroelectronics AN1752 Datasheet HTML 3Page - STMicroelectronics AN1752 Datasheet HTML 4Page - STMicroelectronics AN1752 Datasheet HTML 5Page - STMicroelectronics AN1752 Datasheet HTML 6Page - STMicroelectronics AN1752 Datasheet HTML 7Page - STMicroelectronics AN1752 Datasheet HTML 8Page - STMicroelectronics AN1752 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4/14
ST72324 QUICK REFERENCE NOTE
2 ST72324 KEY BENEFITS
2.1 8-BIT SOLUTION FOR MID-RANGE APPLICATIONS
The device offers the following state-of-the-art benefits:
s
Reduced board size, as most components are integrated in the device. There is no need for
a separate RESET generator, low voltage detection circuitry (LVD) or auxiliary voltage
detection (AVD) for early warning of power failures.
s
Availability in a range of pin-compatible devices from 8K to 32K of ROM or Flash program
memory. Hence, there is no need to re-design the board if the application code size
increases.
s
Up to 32 I/O ports and a 10-bit A/D converter with up to 12 input channels reduce the
integration effort and board size.
s
True open drain I/O pins for applications requiring high current, e.g. for driving relays
through I/Os.
s
17 addressing modes are supported, resulting in more compact code.
s
Flash with Read-out protection against piracy and also Register Access Security System
(RASS) to prevent accidental programming/erasing.
Useful Tips:
Emulate Data E2PROM with program area
To store non-volatile parameters (such as user preferences and
calibration constants), you can emulate Data EEPROM with the
HDFlash Memory.
For more information, refer to:
AN1502: Emulated Data EEPROM with ST7 HDFlash memory
2.2 ENHANCED CLOCK MANAGEMENT MODULE
This module allows you to select different main clock sources:
s
An external source
s
4 crystal or ceramic resonator oscillator types
s
An internal high frequency oscillator
Each oscillator is optimized for a given frequency in terms of consumption. This can be se-
lected through the option byte.
s
Along with the above mentioned options for selection of clock source, the clock
management also supports a Main Clock Out option which can be used to drive external



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com