전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN1752 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 AN1752
상세설명  ST72324 QUICK REFERENCE NOTE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1752 데이터시트(HTML) 3 Page - STMicroelectronics

  AN1752 Datasheet HTML 1Page - STMicroelectronics AN1752 Datasheet HTML 2Page - STMicroelectronics AN1752 Datasheet HTML 3Page - STMicroelectronics AN1752 Datasheet HTML 4Page - STMicroelectronics AN1752 Datasheet HTML 5Page - STMicroelectronics AN1752 Datasheet HTML 6Page - STMicroelectronics AN1752 Datasheet HTML 7Page - STMicroelectronics AN1752 Datasheet HTML 8Page - STMicroelectronics AN1752 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3/14
ST72324 QUICK REFERENCE NOTE
1 OVERVIEW OF DEVICE FEATURES
ST72324 family extends the ST7 mid-range for appliance, industrial and automotive applica-
tions, requiring medium and large memory capacities and up to 32 I/O ports. The device has
software LIN compatibility and supports extended temperature range (-40°C to +125°C),
which are key features for supporting automotive applications.
Table 1. Device features
Program Memory
8 to 32k dual voltage Flash or ROM with Read-out protection capability
RAM
384 to 1K bytes
Package
SDIP42, TQFP44 10x10,SDIP32, TQFP32 7x7
Number of I/O ports
Up to 32 I/O ports
– 32/24 multi functional bidirectional I/O lines
– 22/17 alternate function lines
– 12/10 high sink outputs
Clock Source
– External Clock Source
– 4 Crystal/Ceramic Oscillator types
– Internal High Frequency RC Oscillator
Power Saving Modes
Halt, Active-Halt, Wait and Slow
Interrupt Management
– Nested interrupt controller
– 10 interrupt vectors plus TRAP and RESET
– 9/6 external interrupt lines (on 4 vectors)
Operating Voltage
3.8V to 5.5V
Temperature Range
-40°C to +125°C
A/D
10-bit A/D with up to 12 input pins
Timers
– Main Clock Controller with: Real time base, Beep and Clock-out ca-
pabilities
– Configurable watchdog timer
– Two 16-bit timers with input capture, output compare and PWM
modes
Communication Peripherals
– SPI synchronous serial interface
– SCI asynchronous serial interface (LIN compatible)
Instruction Set
– 8-bit Data Manipulation
– 63 Basic Instructions
– 17 main Addressing Modes
– 8 x 8 Unsigned Multiply Instruction
Special Features
In-Application Programming and In-Circuit Programming



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com