전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN1753 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 AN1753
상세설명  Software UART using ST7LITE0 12-bit autoreload timer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1753 데이터시트(HTML) 6 Page - STMicroelectronics

Back Button AN1753 Datasheet HTML 2Page - STMicroelectronics AN1753 Datasheet HTML 3Page - STMicroelectronics AN1753 Datasheet HTML 4Page - STMicroelectronics AN1753 Datasheet HTML 5Page - STMicroelectronics AN1753 Datasheet HTML 6Page - STMicroelectronics AN1753 Datasheet HTML 7Page - STMicroelectronics AN1753 Datasheet HTML 8Page - STMicroelectronics AN1753 Datasheet HTML 9Page - STMicroelectronics AN1753 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
RS232 communication with a PC
AN1753
6/22
DocID9986 Rev 2
2
RS232 communication with a PC
2.1
Main features
Electrical and protocol characteristics of RS232 are different from those used by the UART.
In RS232 communication, high level is typically +7V and low level is typically -7V, while the
ST7LITE0 I/Os work at CMOS levels (0, +5V).
Furthermore, the polarities are different. A ‘1‘ bit coming from the UART corresponds to a ‘0‘
bit in RS232, and a ‘0‘ bit to a ‘1‘ bit. It is true for all bits including the start and stop bits. So
it is necessary to implement a conversion between the PC and the ST7LITE0. In the
application, a MAX232 is used for this purpose.
2.2
PC configuration
The PC will be used as a terminal interface. “Hyperterminal”, the terminal application
software, is used as an interfacing software to test the function [.zip file attached]. The test
environment is Windows.
Under Windows, open the Hyperterminal application. To configure it, go to the port settings
and set the parameters to your application requirements. The options in this window must
be the same as the ones defined for your ST7FLITE0 communication device, except the
port.
After selecting the right serial communication port, select the same baud rate as the one set
for the ST7LITE0. As the PC accepts only one baud rate, transmission and reception baud
rates will have the same value. Data word can be 8/7 bits, but you can choose to use 1 or 2
stop bits.
«Flow control» can be either Xon/Xoff or none. The PC is then correctly configured.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com