전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN1753 데이터시트(PDF) 1 Page - STMicroelectronics

부품명 AN1753
상세설명  Software UART using ST7LITE0 12-bit autoreload timer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1753 데이터시트(HTML) 1 Page - STMicroelectronics

  AN1753 Datasheet HTML 1Page - STMicroelectronics AN1753 Datasheet HTML 2Page - STMicroelectronics AN1753 Datasheet HTML 3Page - STMicroelectronics AN1753 Datasheet HTML 4Page - STMicroelectronics AN1753 Datasheet HTML 5Page - STMicroelectronics AN1753 Datasheet HTML 6Page - STMicroelectronics AN1753 Datasheet HTML 7Page - STMicroelectronics AN1753 Datasheet HTML 8Page - STMicroelectronics AN1753 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
March 2013
DocID9986 Rev 2
1/22
AN1753
Application note
Software UART using ST7LITE0 12-bit autoreload timer
Introduction
This application note describes a software implementation of a Universal Asynchronous
Receiver/Transmitter (UART). This can be used on devices with no on-chip SCI peripheral.
In this example, a software UART is implemented for the ST7LITE0, using the 12-bit
Autoreload timer and two I/O ports for asynchronous receive and transmit. The UART
software provides the following features:
• Half-duplex operation
• Asynchronous operation
• Flexible data formats (7 or 8 data bits, 1 or 2 stop bits)
• Baud rate: 2400 to 19200 baud
To test this interrupt-driven software UART, you can use the “Hyperterminal” application
running on a Windows PC.
The program code is quite small (357 bytes) and can easily be adapted to specific
application requirements.
Table 1 lists the microcontrollers and software concerned by this application note.
Table 1. Applicable products and software
Type
Part numbers or product categories
Microcontrollers
ST7LITE02Y0, ST7LITE05Y0, ST7LITE09Y0
Software
STSW-ST7094
www.st.com


유사한 부품 번호 - AN1753

제조업체부품명데이터시트상세설명
logo
Arista Networks, Inc
AN1753 ARISTA-AN1753 Datasheet
2Mb / 52P
720D Series Ethernet Switch
More results

유사한 설명 - AN1753

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
ST52T301 STMICROELECTRONICS-ST52T301 Datasheet
497Kb / 100P
8-Bit OTP/EPROM DuaLogic] MCUs WITH ADC, UART, TIMER, TRIAC & PWM DRIVER
Jul-1998
ST62T30B STMICROELECTRONICS-ST62T30B Datasheet
577Kb / 86P
8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, 16-BIT AUTO-RELOAD TIMER, EEPROM, SPI AND UART
Rev. 2.5
logo
Maxim Integrated Produc...
MAX1272 MAXIM-MAX1272 Datasheet
850Kb / 20P
Fault-Protected, 12-Bit ADCs with Software-Selectable Input Range
19-2921; Rev 1; 12/03
logo
Silicon Laboratories
AN110 SILABS-AN110 Datasheet
238Kb / 12P
16-BIT PWM USING AN ON-CHIP TIMER
logo
Maxim Integrated Produc...
MAX5134 MAXIM-MAX5134 Datasheet
372Kb / 19P
Pin-/Software-Compatible, 16-/12-Bit, Voltage-Output DACs
Rev 1; 10/08
MAX5134 MAXIM-MAX5134_10 Datasheet
453Kb / 19P
Pin-/Software-Compatible, 16-/12-Bit, Voltage-Output DACs
Rev 2; 1/10
logo
STMicroelectronics
AN1605 STMICROELECTRONICS-AN1605 Datasheet
93Kb / 7P
USING AN ACTIVE RC TO WAKEUP THE ST7LITE0 FROM POWER SAVING MODE
AN2078 STMICROELECTRONICS-AN2078 Datasheet
155Kb / 13P
STR7 In-Application Programming using UART
12-Jan-2007
AN2475 STMICROELECTRONICS-AN2475 Datasheet
1Mb / 37P
STR91xFAxxx in-application programming using UART
01-Sep-2008
logo
Maxim Integrated Produc...
MAX1272 MAXIM-MAX1272_V01 Datasheet
1Mb / 19P
Fault-Protected, 12-Bit ADCs with Software-Selectable Input Range
2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com