전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN2986 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 AN2986
상세설명  This document focuses on the calculation
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2986 데이터시트(HTML) 6 Page - STMicroelectronics

Back Button AN2986 Datasheet HTML 2Page - STMicroelectronics AN2986 Datasheet HTML 3Page - STMicroelectronics AN2986 Datasheet HTML 4Page - STMicroelectronics AN2986 Datasheet HTML 5Page - STMicroelectronics AN2986 Datasheet HTML 6Page - STMicroelectronics AN2986 Datasheet HTML 7Page - STMicroelectronics AN2986 Datasheet HTML 8Page - STMicroelectronics AN2986 Datasheet HTML 9Page - STMicroelectronics AN2986 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Gate resistor choice
AN2986
6/18
Doc ID 15727 Rev 1
Figure 2.
Gate current variation with temperature for Z01 device
1.2
Resistor according to environment accuracy and variation
Temperature is not the only parameter influencing gate resistor choice. Other parameters
have also to be taken into account. Parameters discussed in this section are related to the
accuracy of the components used and to the working environment.
1.2.1
Parameters variations
All the different application parameters that have an impact on gate current level are listed
below.
Power supply voltage (VDD) variation is one of the most important parameters that has to be
taken into account. In appliance applications a capacitive power supply is often used. The
main part of this power supply is the Zener diode. Stability of the Zener voltage is the best at
5.1 V and 5.6 V. Accuracy of this power supply is ±10% at 5 V.
Stability of the diode at 3.3 V and 3.9 V is worse and ±0.6 V (±20%) can be achieved. This
result leads to the use of switch mode power supply (SMPS) for a 3.3 V power supply.
Output voltage levels on the I/O pins of the MCU are important variable parameters. The
most important parameter is low output level (VOL) which specifies voltage on the output pin
when tied to ground. This parameter varies with the current flowing through this pin. The
value is given by the MCU datasheet (for example: STM8S10xxx).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com