전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN2986 데이터시트(PDF) 1 Page - STMicroelectronics

부품명 AN2986
상세설명  This document focuses on the calculation
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2986 데이터시트(HTML) 1 Page - STMicroelectronics

  AN2986 Datasheet HTML 1Page - STMicroelectronics AN2986 Datasheet HTML 2Page - STMicroelectronics AN2986 Datasheet HTML 3Page - STMicroelectronics AN2986 Datasheet HTML 4Page - STMicroelectronics AN2986 Datasheet HTML 5Page - STMicroelectronics AN2986 Datasheet HTML 6Page - STMicroelectronics AN2986 Datasheet HTML 7Page - STMicroelectronics AN2986 Datasheet HTML 8Page - STMicroelectronics AN2986 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
July 2009
Doc ID 15727 Rev 1
1/18
AN2986
Application note
AC switch triggering with 3.3 V power supply
Introduction
This document focuses on the calculation of gate current consumption of various types of
AC switches when using a 3.3 V power supply. Until now, the standard of a 5 V power supply
was used. In home appliance applications there is a bigger focus on the MCU working with
a 3.3 V power supply, and a lower supply voltage brings additional constraints on gate
circuitry. This application note provides a precise calculation process in order to correctly set
the necessary parameters.
This application note concerns Q2 and Q3 operation (i.e. for negative power supply) as this
is the most common mode of operation for AC switches, but advice and comments for
operation in Q1 and Q4 quadrants (i.e. for positive power supply) are also given.
www.st.com


유사한 부품 번호 - AN2986

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
AN2982 STMICROELECTRONICS-AN2982 Datasheet
1Mb / 31P
This application note describes the STEVAL-ILB005V2 demonstration board equipped with the L6585DE lighting controller
15-Mar-2010
AN2983 STMICROELECTRONICS-AN2983 Datasheet
1Mb / 32P
Constant current inverse buck LED driver using L6562A
16-Dec-2009
AN2984 STMICROELECTRONICS-AN2984 Datasheet
224Kb / 8P
Minimizing the SET-related effects
23-Jun-2010
AN2985 STMICROELECTRONICS-AN2985 Datasheet
1Mb / 19P
The STEVAL-IFP010V3 demonstration board has been developed
07-Nov-2012
AN2989 STMICROELECTRONICS-AN2989 Datasheet
470Kb / 28P
high performance ultra low-power 3-axis accelerometer
24-Jun-2009
More results

유사한 설명 - AN2986

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
AN2791 STMICROELECTRONICS-AN2791 Datasheet
659Kb / 18P
This document describes a detailed analysis on the current regulated channels
17-Sep-2013
UM1524 STMICROELECTRONICS-UM1524 Datasheet
1Mb / 35P
This document describes the functions
19-Sep-2012
UM1529 STMICROELECTRONICS-UM1529 Datasheet
1Mb / 35P
This document describes the functioning
18-Sep-2012
UM1554 STMICROELECTRONICS-UM1554 Datasheet
1Mb / 34P
This document describes the functioning
30-Aug-2012
AN4377 STMICROELECTRONICS-AN4377 Datasheet
1Mb / 29P
This document focuses on a product evaluation board for a simple
30-May-2014
AN4415 STMICROELECTRONICS-AN4415 Datasheet
5Mb / 30P
This document focuses on a demonstration board design
30-May-2014
AN2482 STMICROELECTRONICS-AN2482 Datasheet
865Kb / 18P
The purpose of this document
08-Feb-2006
AN4013 STMICROELECTRONICS-AN4013 Datasheet
519Kb / 37P
The purpose of this document
28-Jan-2015
logo
Xilinx, Inc
OPB16450UART XILINX-OPB16450UART Datasheet
535Kb / 15P
This document provides the specification
logo
Silicon Laboratories
SI50X-32X4-EVB SILABS-SI50X-32X4-EVB Datasheet
1Mb / 8P
This document describes the operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com