전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN2986 데이터시트(PDF) 10 Page - STMicroelectronics

부품명 AN2986
상세설명  This document focuses on the calculation
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2986 데이터시트(HTML) 10 Page - STMicroelectronics

Back Button AN2986 Datasheet HTML 6Page - STMicroelectronics AN2986 Datasheet HTML 7Page - STMicroelectronics AN2986 Datasheet HTML 8Page - STMicroelectronics AN2986 Datasheet HTML 9Page - STMicroelectronics AN2986 Datasheet HTML 10Page - STMicroelectronics AN2986 Datasheet HTML 11Page - STMicroelectronics AN2986 Datasheet HTML 12Page - STMicroelectronics AN2986 Datasheet HTML 13Page - STMicroelectronics AN2986 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Gate current variation
AN2986
10/18
Doc ID 15727 Rev 1
Figure 4.
Typical VGTpeak versus ITpeak for Z0103 (IG0 = 7.5 mA)
Figure 5.
Typical VGTpeak versus ITpeak for ACS108-6T (IG0 = 15 mA)
2.2
Minimum current calculation
The minimum gate current that is applied depends on the selection of the standard value of
the gate resistor (refer to Section 1.2.2) and the worst operating conditions.
The equation for estimating the minimum current is:
Equation 4
The maximum VGT value has to be specified for the calculation. As Z0103 devices can be
used with an RMS load current up to 1 A, the maximum VGT value is taken into account for
current up to ±1.44 A. For ACS108-6T a maximum RMS current of 0.8 A is used.
AM00454
–0.2
0
0.2
0.4
0.6
0.8
1
1.2
–1.5
01
–0.5
0
0.5
1
1.5
ITpeak (A)
VGT
peak
(V)
0 ˚C
85 ˚C
125 ˚C
0.6
0.7
0.8
0.9
1
–1.5
–1
–0.5
0
0.5
1
1.5
I
Tpeak (A)
VGT
peak
(V)
0 ˚C
85 ˚C
125 ˚C
AM00455
I
Gmin
V
DDm in
V
GTm ax
–
V
OLm ax
–
1.01
R
G
×
-------------------------------------------------------------------------
<



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com